Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2114F Datasheet(PDF) 4 Page - Rohm

Part # BU2114F
Description  8-bit shift register and latch driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2114F Datasheet(HTML) 4 Page - Rohm

  BU2114F Datasheet HTML 1Page - Rohm BU2114F Datasheet HTML 2Page - Rohm BU2114F Datasheet HTML 3Page - Rohm BU2114F Datasheet HTML 4Page - Rohm BU2114F Datasheet HTML 5Page - Rohm BU2114F Datasheet HTML 6Page - Rohm BU2114F Datasheet HTML 7Page - Rohm BU2114F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Standard ICs
BU2114 / BU2114F
Electrical characteristics (unless otherwise noted, Ta = 25°C, VDD = 5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VIL
0
1.5
V
SIN, LATCH, EN
VIH
3.5
5.0
V
SIN, LATCH, EN
ISL
——
6
mA
SOUT (VL = 0.4)
ISH
——
– 6
mA
SOUT (VL = VDD – 0.4)
VP
2.31
3.28
V
CK, RST
VN
1.5
2.58
V
CK, RST
VH
0.35
0.75
V
CK, RST
VOL
VOL
0.15
0.4
V
V
IL
——
± 10
µA
IDD
1
100
µAVDD or GND
RUP
35
50
68
k
RDN
35
50
68
k
Input low level voltage
Input high level voltage
Output low level current
Output high level current
Schmitt trigger "H" threshold value
Schmitt trigger "L" threshold value
Schmitt trigger hysteresis width
Output low level voltage
Output leakage current
Current dissipation
Pull-up resistance
Pull-down resistance
O1 ~ O8ID = 12mA
O1 ~ O8ID = 36mA


Similar Part No. - BU2114F

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2112F ROHM-BU2112F Datasheet
242Kb / 3P
   MonolithicICs
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21170MUV-E2 ROHM-BU21170MUV-E2 Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
More results

Similar Description - BU2114F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
   8-BIT LATCH/SHIFT REGISTER
logo
STMicroelectronics
M54HC597 STMICROELECTRONICS-M54HC597 Datasheet
280Kb / 13P
   8 BIT LATCH/SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9595FK TOSHIBA-TC74VHC9595FK Datasheet
490Kb / 9P
   8-Bit Shift Register/Latch
2018-06-22
TC74VHC595F TOSHIBA-TC74VHC595F Datasheet
311Kb / 9P
   8 BIT SHIFT REGISTER /LATCH
logo
Renesas Technology Corp
HD74HC597 RENESAS-HD74HC597 Datasheet
117Kb / 10P
   8-bit Latch / Shift Register
logo
Panasonic Semiconductor
DN8667NS PANASONIC-DN8667NS Datasheet
49Kb / 5P
   8-Bit Shift Register Latch Constant Current Driver IC
logo
Renesas Technology Corp
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com