Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24C08 Datasheet(PDF) 1 Page - Rohm

Part # BR24C08
Description  I2C BUS compatible serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24C08 Datasheet(HTML) 1 Page - Rohm

  BR24C08 Datasheet HTML 1Page - Rohm BR24C08 Datasheet HTML 2Page - Rohm BR24C08 Datasheet HTML 3Page - Rohm BR24C08 Datasheet HTML 4Page - Rohm BR24C08 Datasheet HTML 5Page - Rohm BR24C08 Datasheet HTML 6Page - Rohm BR24C08 Datasheet HTML 7Page - Rohm BR24C08 Datasheet HTML 8Page - Rohm BR24C08 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BR24C08 / BR24C08F / BR24C08FJ / BR24C08FV / BR24C16/ BR24C16F /
Memory Ics
BR24C16FJ / BR24C16FV / BR24E16 / BR24E16F / BR24E16FJ / BR24E16FV
I
2C BUS compatible serial EEPROM
BR24C08 / BR24C08F / BR24C08FJ / BR24C08FV /
BR24C16 / BR24C16F / BR24C16FJ / BR24C16FV /
BR24E16 / BR24E16F / BR24E16FJ / BR24E16FV /
The BR24C08, BR24C16 and BR24E16 series are 2-wire (I
2C BUS type) serial EEPROMs which are electrically
programmable.
∗I2C BUS is a registered trademark of Philips.
Features
1) 1k x 8 bits serial EEPROM.
(BR24C08 / F / FJ / FV)
2k x 8 bits serial EEPROM.
(BR24C16 / F / FJ / FV, BR24E16 / F / FJ / FV)
2) Two wire serial interface.
(2Byte Address : BR24E16)
3) Operating voltage range : 2.7V
∼5.5V
4) Low current consumption
Active (at 5V) : 2.0mA (Typ.)
Standby (at 5V) : 1.0
µA (Typ.)
5) Auto erase and auto complete functions can be used
during write operations.
6) Page write function : 16byte
7) DATA security
Write protect feature
Inhibit to WRITE at low Vcc
8) Noise filters at SCL and SDA pins.
9) Address can be incremented automatically during
read operations.
10) Compact packages.
11) Rewriting possible up to 100,000 times.
12) Data can be stored for ten years without corruption.
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Supply voltage
−0.3~+6.5
V
Power dissipation
mW
Storage temperature range
−65~+125
°C
Operating temperature range
°C
Terminal voltage
V
−40~+85
VCC
−0.3~VCC+0.3
Pd
Tstg
Topr
300(SSOP
−B8)
∗1
800(DIP8)
450(SOP8, SOP
−J8) ∗2
∗3
∗1 Reduced by 3.0mW for each increase in Ta of 1
°C over 25°C.
∗2 Reduced by 3.5mW for each increase in Ta of 1
°C over 25°C.
∗3 Reduced by 5.0mW for each increase in Ta of 1
°C over 25°C.
Recommended operating conditions (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
V
Input voltage
VIN
V
VCC
0
~VCC
2.7
~5.5


Similar Part No. - BR24C08

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C08-DS6TP ROHM-BR24C08-DS6TP Datasheet
319Kb / 6P
   Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C08-DW6TP ROHM-BR24C08-DW6TP Datasheet
319Kb / 6P
   Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C08-MN6TP ROHM-BR24C08-MN6TP Datasheet
319Kb / 6P
   Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C08-RDS6TP ROHM-BR24C08-RDS6TP Datasheet
318Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature ~40C~85C type
BR24C08-RDW6TP ROHM-BR24C08-RDW6TP Datasheet
318Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature ~40C~85C type
More results

Similar Description - BR24C08

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
   I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com