Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH9595FP-Y Datasheet(PDF) 2 Page - Rohm

Part # BH9595FP-Y
Description  SCSI active terminator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH9595FP-Y Datasheet(HTML) 2 Page - Rohm

  BH9595FP-Y Datasheet HTML 1Page - Rohm BH9595FP-Y Datasheet HTML 2Page - Rohm BH9595FP-Y Datasheet HTML 3Page - Rohm BH9595FP-Y Datasheet HTML 4Page - Rohm BH9595FP-Y Datasheet HTML 5Page - Rohm BH9595FP-Y Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Mulimedia ICs
BH9595FP-Y / BH9596FP-Y
Absolute maximum ratings (Ta = 25°C)
Power supply voltage
DC Output current 1
DC Output current 2
Input voltage
Power dissipation 3
Operating temperature
Storage temperature
2 Sink Current (from SCSI Line to Module) / Line
1 Drain Current (from Module to SCSI Line) / Line
3 When mounted to a 90 × 50 × 1.6 mm glass epoxy board
Parameter
Symbol
Limits
Unit
VDD1
V
ISLD
– 30
mA
ISLS
35
mA
Vi
V
1.45
W
Topr
°C
Tstg
°C
Pd
– 0.6 ~ (VDD1 + 0.6)
– 0.3 ~ + 7.0
0 ~ + 75
– 55 ~ + 125
Recommended operating conditions (Ta = 25°C)
Power supply voltage
Input voltage
Input voltage
SCSI Line voltage
Transient 6V
Parameter
Symbol
Min.
Typ.
Max.
Unit
VDD1
4.0
4.5
5.5
V
VIH
VDD1 – 0.6
VDD1 + 0.6
V
VIL
– 0.3
0.8
V
VSLX
– 0.3
VDD1 + 0.3
V
Block diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
25
24
23
22
21
20
19
18
17
16
15
14
110
Resistors
(PUSH - PULL)
(PUSH - PULL)
(PUSH - PULL)
POW
POW
POW
POW
POW
(PUSH - PULL)
(PUSH - PULL)
POW
POW
POW
(PUSH - PULL)
POW
to SW
2.85V SUPPLY
TSD
MODE
CONTROL
2.85V GENERATER
VDD1
SCSI LINE
6
SCSI LINE
7
SCSI LINE
8
SCSI LINE
9
SCSI LINE 10
GND
SCSI LINE 11
SCSI LINE 12
SCSI LINE 15
SCSI LINE 16
SCSI LINE 17
SCSI LINE 18
SCSI LINE 1
SCSI LINE 2
SCSI LINE 3
SCSI LINE 4
SCSI LINE 5
VDD1
GND
GND
SCSI LINE 13
SCSI LINE 14
VM
TSD
Not to be used
(N.C.)
“H”: ENABLE
“L”: DISCONNECT
EN
(TRMPWR)
Schottky barrier diodes
SYSTEM POWER
5.0V
2.2
µ
0.1
µ
+
“L”: ENABLE
“H”: DISCONNECT
For BH9596
BH9595FP-Y


Similar Part No. - BH9595FP-Y

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BH95331F BITECH-BH95331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
BH95331J BITECH-BH95331J Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
BH95471F BITECH-BH95471F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
BH95471J BITECH-BH95471J Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
More results

Similar Description - BH9595FP-Y

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
   SCSI active terminator IC
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
   SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com