Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BH7760KV Datasheet(PDF) 5 Page - Rohm

Part No. BH7760KV
Description  Analog signal I / O interface for portable audio applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7760KV Datasheet(HTML) 5 Page - Rohm

  BH7760KV Datasheet HTML 1Page - Rohm BH7760KV Datasheet HTML 2Page - Rohm BH7760KV Datasheet HTML 3Page - Rohm BH7760KV Datasheet HTML 4Page - Rohm BH7760KV Datasheet HTML 5Page - Rohm BH7760KV Datasheet HTML 6Page - Rohm BH7760KV Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Multimedia ICs
BH7760KV
Electrical characteristics (unless otherwise noted, AVCC = SP, VCC = 5.0V, DVCC = 3.0V, Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output voltage level
Distortion
Maximum output level
Output residual noise
Crosstalk between channels
Muting level
1 B.W. = 400Hz to 30kHz
2 DIN AUDIO
VOHP
THDHP
VOMHP
VONHP
CTHP
MTHP
– 12.5
– 3.0
– 10.0
0.7
– 1.2
– 91.0
– 87.0
– 100.0
[HP amplifier] INPUT: PB IN L / R
OUTPUT: HP OUT L / R
[MIX OUT] INPUT: PB IN L / R
OUTPUT: MIX OUT
[SP amplifier] INPUT: BEEP IN
OUTPUT: SP OUT 1 / 2 (BML)
– 7.5
2.0
– 73.0
– 70.0
– 83.0
dBV
%
dBV
dBV
dBV
dBV
VIN = – 18.7dBV
VIN = – 18.7dBV1
THD = 3%1
Rg = 1k
2
VIN = – 8.7dBV2
VIN = – 8.7dBV, V7 = H2
Output voltage level
Distortion
Maximum output level
Output residual noise
SP off level
VOSP
THDSP
VOMSP
VONSP
VOOFFSP
– 4.5
+ 3.0
– 1.0
0.8
+ 4.8
– 95.0
– 65.0
+ 2.5
2.0
– 80.0
– 55.0
dBV
%
dBV
dBV
dBV
VIN = – 10.0dBV
VIN = – 10.0dBV1
THD = 10%1
Rg = 1k
2
VIN = – 6.0dBV2
Output voltage level
VOMIX
– 12.5
– 10.0
– 7.5
dBV
VIN = – 18.7dBV
〈CS〉
Low mode hold voltage
High mode hold voltage
〈CLK〉
Low mode hold voltage
High mode hold voltage
〈DATA IN〉
Low mode hold voltage
High mode hold voltage
〈SP ON / OFF〉
SP off hold voltage
SP on hold voltage
〈MUTE control〉
MUTE hold voltage
MUTE hold voltage
〈FADE control〉
FADE off hold voltage
FADE on hold voltage
〈MIC SEL〉
EXT hold voltage
INT hold voltage
VH14L
VH14H
VH15L
VH15H
VH16L
VH16H
VH3L
VH3H
VH7L
VH7H
VH26L
VH26H
VH39L
VH39H
0.0
1.8
0.0
1.8
0.0
1.8
0.0
2.0
0.0
2.0
0.0
2.0
0.0
2.0
[Control mode hold voltage]
0.5
DVCC
0.5
DVCC
0.5
DVCC
0.5
AVCC
0.5
AVCC
0.5
AVCC
0.5
AVCC
V
V
V
V
V
V
V
V
V
V
V
V
V
V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn