Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848BW Datasheet(PDF) 1 Page - Rohm

Part # BC848BW
Description  NPN General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BC848BW Datasheet(HTML) 1 Page - Rohm

  BC848BW Datasheet HTML 1Page - Rohm BC848BW Datasheet HTML 2Page - Rohm BC848BW Datasheet HTML 3Page - Rohm BC848BW Datasheet HTML 4Page - Rohm BC848BW Datasheet HTML 5Page - Rohm BC848BW Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC848BW / BC848B
Transistors
Rev.A
1/5
NPN General Purpose Transistor
BC848BW / BC848B
Features
1) BVCEO minimum is 30V (IC
=1mA)
2) Complements the BC858B / BC858BW.
External dimensions (Unit : mm)
BC848BW
ROHM : UMT3
EIAJ : SC-70
(1) Emitter
(2) Base
(3) Collector
(1) Emitter
(2) Base
(3) Collector
ROHM : SST3
BC848B, BC848C
0~0.1
(2)
(1)
(3)
0.9
±0.1
0.2
0.7
±0.1
0.15
±0.05
0.3
2.0
±0.2
1.3
±0.1
0.65 0.65
+0.1
−0
All terminals have same dimensions
All terminals have same dimensions
0~0.1
0.2Min.
0.95
0.45
±0.1
0.15
0.4
2.9
±0.2
1.9
±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Tj
Tstg
Limits
30
30
5
0.1
0.35
150
−65~+150
Unit
V
V
V
A
PC
0.2
0.2
W
W
W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
BC848BW
BC848B
Storage temperature
Collector power
dissipation
∗ When mounted on a 7×5×0.6mm ceramic board.
Electrical characteristics (Ta=25
°C)
Parameter
Conditions
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=30V
VCB
=30V, Ta=150°C
IC/IB
=100mA/5mA
IC/IB
=10mA/0.5mA
VCE/IC
=5V/10mA
VCE
=5V, IE=−20mA, f=100MHz
VCB
=10V, IE=0, f=1MHz
VEB
=0.5V, IE=0, f=1MHz
Typ.
200
3
8
VCE/IC
=5V/2mA
Symbol
BVCBO
BVCEO
BVEBO
ICBO
VBE(on)
VCE(sat)
fT
Cob
Cib
hFE
Min.
30
30
5
0.58
200
Max.
100
5
0.77
0.6
0.25
450
Unit
V
V
V
µA
nA
V
V
MHz
pF
pF
(SPEC-C22)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Base-emitter saturation voltage
Collector-emitter saturation voltage
Transition frequency
Collector output capacitance
Collector output capacitance
DC current transfer ratio


Similar Part No. - BC848BW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC848BW SIEMENS-BC848BW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC848BW DIOTEC-BC848BW Datasheet
98Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Diodes Incorporated
BC848BW DIODES-BC848BW Datasheet
47Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
logo
Taiwan Semiconductor Co...
BC848BW TSC-BC848BW Datasheet
334Kb / 5P
   NPN Transistor
logo
Infineon Technologies A...
BC848BW INFINEON-BC848BW Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
More results

Similar Description - BC848BW

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com