Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BAOOT Datasheet(PDF) 1 Page - Rohm

Part No. BAOOT
Description  Low saturation voltage type 3-pin regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BAOOT Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BAOOT / FP series
Regulator ICs
Low saturation voltage type 3-pin
regulator
BAOOT / FP series
The BA
ΟΟT/ FP series are fixed positive output low drop-out type, 3-pin voltage regulators with positive output.. These
regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage.
There are 10 fixed output voltages, as follows:3V, 3.3V, 5V, 6V*, 7V, 8V, 9V, 10V, 12V and 15V. The maximum current
capacity is 1A for each of the above voltages. (Items marked with an asterisk are under development.)
!
!
!
!Applications
Constant voltage power supply
!
!
!
!Features
1) Built-in overvoltage protection circuit, overcurrent
protection circuit and thermal shutdown circuit.
2) TO220FP and TO252-3 packages are available to
cover a wide range of applications.
3) Compatible with the BA178
ΟΟ series.
4) Richly diverse lineup.
5) Low minimum I / O voltage differential.
!
!
!
!Product codes
Product No.
Product No.
3.0
BA03T / FP
8.0
BA08T / FP
3.3
BA033T / FP
9.0
BA09T / FP
5.0
BA05T / FP
10.0
BA10T / FP
6.0
BA06T / FP
12.0
BA12T / FP
7.0
BA07T / FP
15.0
BA15T / FP
Output voltage (V)
Output voltage (V)
**
* : Under development.
!
!
!
!Block diagram
1
2
OUT
+
REFERENCE
VOLTAGE
GND
VCC
+
3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn