Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BAOOT Datasheet(PDF) 5 Page - Rohm

Part No. BAOOT
Description  Low saturation voltage type 3-pin regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BAOOT Datasheet(HTML) 5 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BAOOT / FP series
Regulator ICs
BA09T / FP (unless otherwise noted, Ta = 25
°C, VCC = 14V, IO = 500mA) (under development)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
-
Measurement
circuit
8.45
9.0
9.45
V
Fig.1
Reg.I
-
20
100
mV
VIN = 10
→25V
Fig.1
R.R.
45
55
-
dB
Fig.2
Reg.L
-
50
150
mV
Fig.1
-
±0.02
-
Fig.1
Vd
-
0.3
0.5
V
Ib
-
2.5
5.0
mA
1.0
1.5
-
A
Tj = 25
°C
Fig.1
-
0.4
-
A
VO1
Tcvo
IO-P
Ios
Io = 5mA
→1A
Vcc = 0.95VO
Io = 0mA
Fig.5
Fig.4
Fig.3
eIN = 1Vrms, f = 120Hz, Io = 100mA
Io = 5mA, Tj = 0~125
°C
Vcc = 25V
% /
°C
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Dropout voltage
Bias current
Peak output current
Output short-circuit current
Output voltage
BA10T / FP (unless otherwise noted, Ta = 25
°C, VCC = 15V, IO = 500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
-
Measurement
circuit
9.5
10
10.5
V
Fig.1
Reg.I
-
20
100
mV
VIN = 11
→25V
Fig.1
R.R.
45
55
-
dB
Fig.2
Reg.L
-
50
150
mV
Fig.1
-
±0.02
-
Fig.1
Vd
-
0.3
0.5
V
Ib
-
2.5
5.0
mA
1.0
1.5
-
A
Tj = 25
°C
Fig.1
-
0.4
-
A
VO1
Tcvo
IO-P
Ios
Io = 5mA
→1A
Vcc = 0.95VO
Io = 0mA
Fig.5
Fig.4
Fig.3
eIN = 1Vrms, f = 120Hz, Io = 100mA
Io = 5mA, Tj = 0~125
°C
Vcc = 25V
% /
°C
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Dropout voltage
Bias current
Peak output current
Output short-circuit current
Output voltage
BA12T / FP (unless otherwise noted, Ta = 25
°C, VCC = 17V, IO = 500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
-
Measurement
circuit
11.4
12
12.6
V
Fig.1
Reg.I
-
20
100
mV
VIN = 13
→25V
Fig.1
R.R.
45
55
-
dB
Fig.2
Reg.L
-
50
150
mV
Fig.1
-
±0.02
-
Fig.1
Vd
-
0.3
0.5
V
Ib
-
2.5
5.0
mA
1.0
1.5
-
A
Tj = 25
°C
Fig.1
-
0.4
-
A
VO1
Tcvo
IO-P
Ios
Io = 5mA
→1A
Vcc = 0.95VO
Io = 0mA
Fig.5
Fig.4
Fig.3
eIN = 1Vrms, f = 120Hz, Io = 100mA
Io = 5mA, Tj = 0~125
°C
Vcc = 25V
% /
°C
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Dropout voltage
Bias current
Peak output current
Output short-circuit current
Output voltage


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn