Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BAOOT Datasheet(PDF) 2 Page - Rohm

Part No. BAOOT
Description  Low saturation voltage type 3-pin regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BAOOT Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BAOOT / FP series
Regulator ICs
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
*1 Reduced by 16mW for each increase in Ta
of 1
°C over 25°C
*3 Voltage application time : 200 msec. or less
*2 Reduced by 8mW for each increase in Ta
of 1
°C over 25°C
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
35
V
Power
dissipation
TO220FP
Pd
2000 *1
mW
TO252 - 3
1000 *2
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
Peak applied voltage
Vsurge
50 *3
V
-40~85
-55~150
!
!
!
!Recommended operating conditions
BA03T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
4
-
25
V
Output current
Io
-
-
1
A
BA033T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
4.3
-
25
V
Output current
Io
-
-
1
A
BA05T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
6
-
25
V
Output current
Io
-
-
1
A
BA06T / FP (under development)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
7
-
25
V
Output current
Io
-
-
1
A
BA07T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
8
-
25
V
Output current
Io
-
-
1
A
BA08T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
9
-
25
V
Io
-
-
1
A
Output current
BA09T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
10-25
V
Output current
Io
-
-
1
A
BA10T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
11-25
V
Output current
Io
-
-
1
A
BA12T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
13-25
V
Output current
Io
-
-
1
A
BA15T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
16-25
V
Output current
Io
-
-
1
A


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn