Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA9755S Datasheet(PDF) 9 Page - Rohm

Part # BA9755S
Description  High voltage controller for CRT displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9755S Datasheet(HTML) 9 Page - Rohm

Back Button BA9755S Datasheet HTML 2Page - Rohm BA9755S Datasheet HTML 3Page - Rohm BA9755S Datasheet HTML 4Page - Rohm BA9755S Datasheet HTML 5Page - Rohm BA9755S Datasheet HTML 6Page - Rohm BA9755S Datasheet HTML 7Page - Rohm BA9755S Datasheet HTML 8Page - Rohm BA9755S Datasheet HTML 9Page - Rohm BA9755S Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Multimedia ICs
BA9755S
Electrical characteristic curves
0
50
100
150
200
250
1
2
3
4
5
OUTPUT CURRENT : IO (mA)
Fig. 3 PWM HIGH output voltage vs.
output current
– 50
– 100
– 150
– 200
– 250
8
10
11
12
0
7
9
OUTPUT CURRENT : IO (mA)
Fig. 4 PWM LOW output voltage vs.
output current
– 50
– 25
0
+ 25
+ 50
+ 75 + 100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
TEMPERATURE : Ta (
°C)
Fig. 5 PWM minimum pulse width vs.
temperature
– 50
– 25
0
+ 25
+ 50
+ 75 + 100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.3
0.2
0.1
TEMPERATURE : Ta (
°C)
Fig. 6 PWM minimum delay time vs.
temperature
6.10
6.08
6.06
6.04
6.02
6.00
5.98
5.96
5.94
– 50
– 25
0
+ 25
+ 50
+ 75 + 100
5.92
TEMPERATURE : Ta (
°C)
Fig. 7 Output voltage
(6V reference voltage) vs.
temperature
– 50
– 25
0
+ 25
+ 50
+ 75 + 100
9.08
9.06
9.04
9.02
9.00
8.98
8.96
8.94
8.92
8.90
TEMPERATURE : Ta (
°C)
Fig. 8 Output voltage
(9V reference voltage) vs.
temperature
9.6
9.4
9.2
9.0
8.8
8.6
8.4
8.2
8.0
7.8
10
20
30
50 70 100
200 300
FREQUENCY : f (kHz)
Fig. 9 SAW H peak vs.
frequency


Similar Part No. - BA9755S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9756 ROHM-BA9756 Datasheet
120Kb / 9P
   High-voltage control circuit for CRT displays
BA9756FS ROHM-BA9756FS Datasheet
120Kb / 9P
   High-voltage control circuit for CRT displays
More results

Similar Description - BA9755S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9756FS ROHM-BA9756FS Datasheet
120Kb / 9P
   High-voltage control circuit for CRT displays
logo
STMicroelectronics
HD1520FX STMICROELECTRONICS-HD1520FX Datasheet
260Kb / 8P
   HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION CRT DISPLAYS
logo
Unisonic Technologies
2SC3468 UTC-2SC3468 Datasheet
130Kb / 3P
   HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
logo
Sony Corporation
CXA1616N SONY-CXA1616N Datasheet
496Kb / 20P
   Sync Discriminator for CRT Displays
logo
Panasonic Semiconductor
AN5791 PANASONIC-AN5791 Datasheet
70Kb / 3P
   PHASE SHIFT CIRCUIT FOR CRT DISPLAYS
logo
Sanyo Semicon Device
STK190-020 SANYO-STK190-020 Datasheet
99Kb / 5P
   Video Output Bias Circuit for CRT Displays?
STK190-010 SANYO-STK190-010 Datasheet
98Kb / 5P
   Video Output Bias Circuit for CRT Displays
logo
STMicroelectronics
HD1750FX STMICROELECTRONICS-HD1750FX Datasheet
187Kb / 8P
   HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION AND NEW SUPER-SLIM CRT DISPLAYS
logo
Sanyo Semicon Device
VPA15 SANYO-VPA15 Datasheet
210Kb / 5P
   VIDEO PACK, VIDEO OUTPUT AMPLIFIER FOR HIGH-RESOLUTION CRT DISPLAYS
logo
List of Unclassifed Man...
R6545 ETC1-R6545 Datasheet
1Mb / 19P
   CRT Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com