Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA9755S Datasheet(PDF) 7 Page - Rohm

Part # BA9755S
Description  High voltage controller for CRT displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9755S Datasheet(HTML) 7 Page - Rohm

Back Button BA9755S Datasheet HTML 2Page - Rohm BA9755S Datasheet HTML 3Page - Rohm BA9755S Datasheet HTML 4Page - Rohm BA9755S Datasheet HTML 5Page - Rohm BA9755S Datasheet HTML 6Page - Rohm BA9755S Datasheet HTML 7Page - Rohm BA9755S Datasheet HTML 8Page - Rohm BA9755S Datasheet HTML 9Page - Rohm BA9755S Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Multimedia ICs
BA9755S
1
23456789
18
17
16
15
14
13
12
11
10
REF
9.0V
LATCH
GND
START
S2
1
2
1S2
V
12
V
A
S4
SG4
VS4
V
9V
4.7k
1200p
V
1
2
VS6 4V
S6
V
VS8
5V
1
µ
2
1
S8
50
100k 100k
1
S9b
VS9
50
3
2
1
3
2
S9a
S9c
1
2
A
V
1
2
S17
IS17
VCC
V
1
2
S16
IS16
15mA
+
V
1
2
15mA
+
A
A
S15
IS15
6V
VS14
A
6V
A
A
A
5V
7V
VS13
VS12
VS11
V
1
2
A
Is10
S10
5k
M. M.
REF
6.0V
SAW GEN.
AGC TYPE
Power VCC
Sig VCC
Universal
counter
Peak
voltmeter
Universal
counter
4V
V
V
Fig. 1
Measurement circuit
SG4 input pulse
4.0V
1.5V
5
µs
11
µs
4.0V
1.5V
5
µs
p1
p2
33
µs


Similar Part No. - BA9755S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9756 ROHM-BA9756 Datasheet
120Kb / 9P
   High-voltage control circuit for CRT displays
BA9756FS ROHM-BA9756FS Datasheet
120Kb / 9P
   High-voltage control circuit for CRT displays
More results

Similar Description - BA9755S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9756FS ROHM-BA9756FS Datasheet
120Kb / 9P
   High-voltage control circuit for CRT displays
logo
STMicroelectronics
HD1520FX STMICROELECTRONICS-HD1520FX Datasheet
260Kb / 8P
   HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION CRT DISPLAYS
logo
Unisonic Technologies
2SC3468 UTC-2SC3468 Datasheet
130Kb / 3P
   HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
logo
Sony Corporation
CXA1616N SONY-CXA1616N Datasheet
496Kb / 20P
   Sync Discriminator for CRT Displays
logo
Panasonic Semiconductor
AN5791 PANASONIC-AN5791 Datasheet
70Kb / 3P
   PHASE SHIFT CIRCUIT FOR CRT DISPLAYS
logo
Sanyo Semicon Device
STK190-020 SANYO-STK190-020 Datasheet
99Kb / 5P
   Video Output Bias Circuit for CRT Displays?
STK190-010 SANYO-STK190-010 Datasheet
98Kb / 5P
   Video Output Bias Circuit for CRT Displays
logo
STMicroelectronics
HD1750FX STMICROELECTRONICS-HD1750FX Datasheet
187Kb / 8P
   HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION AND NEW SUPER-SLIM CRT DISPLAYS
logo
Sanyo Semicon Device
VPA15 SANYO-VPA15 Datasheet
210Kb / 5P
   VIDEO PACK, VIDEO OUTPUT AMPLIFIER FOR HIGH-RESOLUTION CRT DISPLAYS
logo
List of Unclassifed Man...
R6545 ETC1-R6545 Datasheet
1Mb / 19P
   CRT Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com