Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA9736 Datasheet(PDF) 10 Page - Rohm

Part # BA9736
Description  6-channel switching regulator controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9736 Datasheet(HTML) 10 Page - Rohm

Back Button BA9736 Datasheet HTML 2Page - Rohm BA9736 Datasheet HTML 3Page - Rohm BA9736 Datasheet HTML 4Page - Rohm BA9736 Datasheet HTML 5Page - Rohm BA9736 Datasheet HTML 6Page - Rohm BA9736 Datasheet HTML 7Page - Rohm BA9736 Datasheet HTML 8Page - Rohm BA9736 Datasheet HTML 9Page - Rohm BA9736 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
441
Regulator ICs
BA9736KV
FOperation notes
(1)
Set the dead-time input voltage to 0.73V or more.
(2)
Use short and wide wiring tracks for the power sup-
ply and ground to keep the mutual impedance as small
as possible, and use inductors and capacitors to keep
ripple to a minimum.
(3)
Set RDUTY so that the drive stage and the MOS drive
stage for the synchronous rectifier channel are not on at
the same time.
(4)
If you are not using the external trigger input (pin 13)
for overload output cutoff, pull it up to VCC (pin 28).
(5)
Great care has been paid to the quality of this com-
ponent. However, if the absolute maximum ratings for
temperature and applied voltage are exceeded, the IC
may be destroyed. Since it is not possible to predict
whether it will be in short mode or open mode if the IC is
destroyed, if there is a chance that the maximum ratings
of the IC will be exceeded, use appropriate physical pro-
tective measures (fuses etc.).
FExternal dimensions (Units: mm)


Similar Part No. - BA9736

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9737KV ROHM-BA9737KV Datasheet
87Kb / 5P
   4-channel switching regulator controller
More results

Similar Description - BA9736

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5654T SANYO-LV5654T Datasheet
123Kb / 10P
   4-Channel Switching Regulator Controller
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
   3-channel Switching Regulator Controller
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
   2-Channel Switching Regulator Controller
logo
Sanyo Semicon Device
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
   Six-Channel Switching Regulator Controller
LV5604T SANYO-LV5604T_09 Datasheet
155Kb / 12P
   Eight-Channel Switching Regulator Controller
logo
Rohm
BA9743AFV ROHM-BA9743AFV Datasheet
107Kb / 5P
   2-channel switching regulator controller
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
   Two-channel switching regulator controller
BD9731KV ROHM-BD9731KV Datasheet
201Kb / 2P
   5-channel switching regulator controller
BA9706K ROHM-BA9706K Datasheet
348Kb / 11P
   3-channel switching regulator controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com