Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA9700A Datasheet(PDF) 6 Page - Rohm

Part # BA9700A
Description  Switching regulator for DC / DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9700A Datasheet(HTML) 6 Page - Rohm

  BA9700A Datasheet HTML 1Page - Rohm BA9700A Datasheet HTML 2Page - Rohm BA9700A Datasheet HTML 3Page - Rohm BA9700A Datasheet HTML 4Page - Rohm BA9700A Datasheet HTML 5Page - Rohm BA9700A Datasheet HTML 6Page - Rohm BA9700A Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BA9700A / BA9700AF / BA9700AFV
Regulator ICs
!
!
!
!Electrical characteristic curves
1M
100k
10k
1k
1k
10k
100k
1M
RT (
Ω)
CT = 2200pF
CT = 220pF
CT = 0.022
µF
Fig.8
Oscillation frequency
characteristic vs. triangular
wave oscillator resistance (1)
1M
100k
10k
1k
100p
0.01
µ
0.1
µ
1000p
CT
RT
= 20k
R
T
=
10k
R
T
=
30k
(F)
Fig.9
Oscillation frequency
characteristic vs. triangular
wave oscillator resistance (2)
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
510
15
20
25
VCC (V)
Fig.10
Output voltage vs. operating
voltage for the reference
voltage section
80
300
200
100
0
-100
-200
60
40
20
0
-20
-40
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Fig.11
Phase and gain vs. frequency
for the error amplifier


Similar Part No. - BA9700A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9706K ROHM-BA9706K Datasheet
348Kb / 11P
   3-channel switching regulator controller
BA9707 ROHM-BA9707 Datasheet
157Kb / 6P
   4-channel switching regulator
BA9707KV ROHM-BA9707KV Datasheet
157Kb / 6P
   4-channel switching regulator
BA9708 ROHM-BA9708 Datasheet
158Kb / 6P
   3-channel switching regulator
BA9708K ROHM-BA9708K Datasheet
158Kb / 6P
   3-channel switching regulator
More results

Similar Description - BA9700A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H Datasheet
125Kb / 4P
   Switching Regulator Application DC-DC Converters
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
2SK4022 TOSHIBA-2SK4022_09 Datasheet
183Kb / 6P
   Switching Regulators, DC-DC Converters and
logo
Intersil Corporation
ISL8540 INTERSIL-ISL8540 Datasheet
960Kb / 16P
   DC/DC Power Switching Regulator
logo
Renesas Technology Corp
ISL8560 RENESAS-ISL8560 Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com