Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA9700A Datasheet(PDF) 4 Page - Rohm

Part # BA9700A
Description  Switching regulator for DC / DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9700A Datasheet(HTML) 4 Page - Rohm

  BA9700A Datasheet HTML 1Page - Rohm BA9700A Datasheet HTML 2Page - Rohm BA9700A Datasheet HTML 3Page - Rohm BA9700A Datasheet HTML 4Page - Rohm BA9700A Datasheet HTML 5Page - Rohm BA9700A Datasheet HTML 6Page - Rohm BA9700A Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BA9700A / BA9700AF / BA9700AFV
Regulator ICs
L1: RCH-875 220K (Sumida Electronics)
Fig.3 Inverting converter
330
R7
330
R6
Q1 2SB1009
L1
220
µH
470
µ
VOUT
C4, C5
C6
470
µ
×2
RB100A
D1
GND
R8 10k
C7 1000p
47k
R9
SW1
Vref
2.57V
30k
30k
1.29V
3
10
8
11
13
14
12
4
9
6
5
2
Triangle
Oscillator
Voltage
Regulator
1
7
ERROR AMP
C1
680p
0.047
µ
C2
7.5k
R3
6.8k
R1
33k
GND
VIN
PWM COMPARATOR
C3 1
µ
R5 39k
R4 22k
R2
+
L1: RCH-875 221K (Sumida Electronics)
Fig.4 Step-up converter
R6
470
R9
470
R7
470
R8 68
Q1
Q2
2SB1009
L1
22
µH
100
µ
12V
VOUT
C7
C5, C6
470
µ
×2
RB100A
D1
GND
R1010k
C8 1000p
47k
R11
SW1
Vref
2.57V
30k
30k
1.29V
11
13
14
10
8
12
4
2
Triangle
Oscillator
Voltage
Regulator
+
1
7
ERROR AMP
C1
680p
0.047
µ
C2
R3
7.5k
R2
4.7k
R1
39k
GND
VIN
PWM COMPARATOR
C4 1
µ
R5 39k
R4 20k
2SD1380
9
6
5
3


Similar Part No. - BA9700A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9706K ROHM-BA9706K Datasheet
348Kb / 11P
   3-channel switching regulator controller
BA9707 ROHM-BA9707 Datasheet
157Kb / 6P
   4-channel switching regulator
BA9707KV ROHM-BA9707KV Datasheet
157Kb / 6P
   4-channel switching regulator
BA9708 ROHM-BA9708 Datasheet
158Kb / 6P
   3-channel switching regulator
BA9708K ROHM-BA9708K Datasheet
158Kb / 6P
   3-channel switching regulator
More results

Similar Description - BA9700A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H Datasheet
125Kb / 4P
   Switching Regulator Application DC-DC Converters
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
2SK4022 TOSHIBA-2SK4022_09 Datasheet
183Kb / 6P
   Switching Regulators, DC-DC Converters and
logo
Intersil Corporation
ISL8540 INTERSIL-ISL8540 Datasheet
960Kb / 16P
   DC/DC Power Switching Regulator
logo
Renesas Technology Corp
ISL8560 RENESAS-ISL8560 Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com