Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA8400FV Datasheet(PDF) 5 Page - Rohm

Part No. BA8400FV
Description  CTL recording / playback amplifier for VHS VCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8400FV Datasheet(HTML) 5 Page - Rohm

  BA8400FV Datasheet HTML 1Page - Rohm BA8400FV Datasheet HTML 2Page - Rohm BA8400FV Datasheet HTML 3Page - Rohm BA8400FV Datasheet HTML 4Page - Rohm BA8400FV Datasheet HTML 5Page - Rohm BA8400FV Datasheet HTML 6Page - Rohm BA8400FV Datasheet HTML 7Page - Rohm BA8400FV Datasheet HTML 8Page - Rohm BA8400FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Video ICs
BA8400FV
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current
〈AGC amplifier〉
AGC amplifier gain
Input bias voltage
Pin 5 input resistance
AGC control sensitivity
Output amplitude
〈Hysteresis amplifier〉
Hysteresis width
CTLOUT output high level voltage
CTLOUT output low level voltage
〈REC amplifier〉
Recording current
Max. output high level voltage
Max. output low level voltage
Threshold voltage
Input resistance
〈REC / PB switch〉
Threshold voltage
REC to PB switching time
ICC
GVagc
VIB8
ZIN5
∆AGC / V
VAGC
∆HysV
VOHP
VOLP
Irec
VOHR
VOLR
Vth3
ZIN3
Vth2
TR – P
2.5
1.35
1.6
– 2
0.88
± 250
2.0
± 1.3
2.0
1.0
24
1.0
3.5
4.5
1.7
2.0
0
1.1
± 290
2.8
0.2
± 2.5
2.8
0.2
1.5
30
1.5
7.0
6.5
2.05
2.4
+ 2
1.32
± 330
1.0
± 3.7
1.0
2.0
36
2.0
100
mA
dB
V
k
dB
VP-P
mV
V
V
mA
V
V
V
k
V
ms
No signal, CTLOUT: High
VIN = 0.15
→1.0VP-P
f = 300Hz, VIN = 300mVP-P
IO = – 0.5mA
IO = + 0.5mA
RO = 400 W
IO = – 0.5mA
IO = + 0.5mA
See note below
Note: The switching time from REC to PB is the time until CTLOUT is output.
Electrical characteristics (unless otherwise noted, Ta = 25°C and VCC = 3V)


Similar Part No. - BA8400FV

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
BA8420 ETC1-BA8420 Datasheet
375Kb / 3P
   Motor speed and phase control
More results

Similar Description - BA8400FV

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
LA7411 SANYO-LA7411 Datasheet
120Kb / 5P
   Playback Amplifier and Record Amplifier for VHS VCRs
LA7416 SANYO-LA7416 Datasheet
187Kb / 7P
   Playback Amplifier and Record Amplifier for VHS VCRs?
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
LA7375 SANYO-LA7375 Datasheet
140Kb / 7P
   Recording and Playback Amplifier for VHS Video Recorders
LA7371A SANYO-LA7371A Datasheet
447Kb / 11P
   RECORDING AND PLAYBACK AMPLIFIER FOR VHS VIDEO RECORDERS
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA7321 SANYO-LA7321 Datasheet
393Kb / 9P
   VHS VTR Playback Head Amp, Recording Amp
LA7300M SANYO-LA7300M Datasheet
136Kb / 3P
   VHS VTR PLAYBACK HEAD AMP, RECORDING AMP
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz