Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA829 Datasheet(PDF) 1 Page - Rohm

Part # BA829
Description  8-bit, serial IN, parallel OUT driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA829 Datasheet(HTML) 1 Page - Rohm

  BA829 Datasheet HTML 1Page - Rohm BA829 Datasheet HTML 2Page - Rohm BA829 Datasheet HTML 3Page - Rohm BA829 Datasheet HTML 4Page - Rohm BA829 Datasheet HTML 5Page - Rohm BA829 Datasheet HTML 6Page - Rohm BA829 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Standard ICs
8-bit, serial IN, parallel OUT driver
BA829
The BA829 is an 8-bit, serial input, parallel output driver. This is a monolithic IC developed for use in thermal print
heads, LED character displays, and other similar applications.
Applications
Thermal print head drivers
LED character displays
Features
1) Can drive up to 300mA.
2) Controlling the strobe terminal with the drive timing
pulse enables current to be reduced when drive is
not being carried out.
3) Using the data output terminal for the next data input
enables secondary connections.
4) The digital ground and power ground are separated.
5) A latch is included between the shift register and
driver output.
6) A stand-by function is built in.
(10
µA typ. at stand-by)
Pin assignments
1
2
3
4
5
6
7
8
9
CLK
PSW
DOUT
VCC
PGND
08
07
06
05
LATCH
STB
DATA
LGND
PGND
01
02
03
04
18
17
16
15
14
13
12
11
10


Similar Part No. - BA829

ManufacturerPart #DatasheetDescription
logo
Rohm
BA829 ROHM-BA829 Datasheet
246Kb / 8P
   Serial / Parallel 5-input Driver
BA82901YF-C ROHM-BA82901YF-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YF-CE2 ROHM-BA82901YF-CE2 Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YFV-C ROHM-BA82901YFV-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YFV-CE2 ROHM-BA82901YFV-CE2 Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
More results

Similar Description - BA829

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
   8-bit Serial-in Parallel-out LED Driver IC
logo
Rohm
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
logo
Fairchild Semiconductor
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
   8-Bit Serial In/Parallel Out Shift Register
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com