Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA823F Datasheet(PDF) 4 Page - Rohm

Part # BA823F
Description  8-bit, serial IN, parallel OUT driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA823F Datasheet(HTML) 4 Page - Rohm

  BA823F Datasheet HTML 1Page - Rohm BA823F Datasheet HTML 2Page - Rohm BA823F Datasheet HTML 3Page - Rohm BA823F Datasheet HTML 4Page - Rohm BA823F Datasheet HTML 5Page - Rohm BA823F Datasheet HTML 6Page - Rohm BA823F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Standard ICs
BA823 / BA823F
Input / output circuits
1, 2, 15pin
10k
(a) Input circuit
500
3pin
VCC
200
(c) Data output circuit
Fig.5
VCC
5, 6, 7, 8, 9, 10,
11, 12pin
(b) Output circuit
Electrical characteristic curves
AMBIENT TEMPERATURE : Ta (
°C)
750
500
250
0
– 25
0
25
50
75
100
BA823F
125
150
BA823
Fig. 6 Power dissipation vs.
ambient temperature
OUTPUT DUTY CYCLE (ALL BIT "ON") (%)
200
160
120
80
40
20
40
60
80
100
18mA
22mA
42mA
48mA
13%
30%
34%
15%
BA823
BA823F
Ta = 75
°C
Ta = 25
°C
At repetition frequency of 1 Hz or higher
Fig. 7 Output conditions


Similar Part No. - BA823F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
BA823F ROHM-BA823F Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
BA823F ROHM-BA823F_09 Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
More results

Similar Description - BA823F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
   8-bit Serial-in Parallel-out LED Driver IC
logo
Rohm
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
logo
Fairchild Semiconductor
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
   8-Bit Serial In/Parallel Out Shift Register
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com