Electronic Components Datasheet Search |
|
BA823F Datasheet(PDF) 2 Page - Rohm |
|
BA823F Datasheet(HTML) 2 Page - Rohm |
2 / 7 page 2 Standard ICs BA823 / BA823F •Usage conditions range 200 100 0 010 20 SUPPLY VOLTAGE : VCC (V) Fig. 1 Power supply voltage and output current usage conditions (Per Circuit) The maximum usage conditions, shown on the left, indicate the absolute maximums for power supply voltage and IC output current. Never exceed these usage conditions, under any circumstances. Fig. 1 Power supply voltage and output current usage conditions Max. usage conditions Usage conditions range •Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = + 5.0V) Parameter Symbol Min. Typ. Max. Unit Conditions Measurement circuit VCC 4.5 5.0 5.5 V Fig.2 IQ1 — 4 6 mA Fig.2 IQ2 — 8 11 mA Fig.2 VIL —— 0.8 V Fig.2 VIH 2 —— V Fig.2 IIH —— 0.4 mA Fig.2 IIH —— 100 µA Fig.2 VO OFF —— 21.8 V Fig.3 VO ON — 0.8 1.3 V Fig.3 IOL —— 207 mA Fig.3 VDOH 2.4 —— V Fig.3 VDOL —— 0.8 V Fig.3 t1 —— 300 ns — t2 —— 1 µs — t3 —— 1 µs — fMax. 500 —— kHz — Power supply voltage Quiescent current 1 Quiescent current 2 Input low level voltage Input high level voltage Input high level current Input high level current Maximum output voltage Output saturation voltage Output current "H" level data output voltage "L" level data output voltage Minimum setup time Minimum shift pulse width Minimum timing time Maximum data transfer speed — — RL = 10k Ω — VIH = 2.0V, VIL = 0.8V VIH = 2.0V, VIL = 0.8V VIH = 2.0V, VIL = 0.8V VIH = 2.0V, VIL = 0.8V VCC pin When all data values are "0" When all data values are "0" VIN = 4.5 V VIN = 2.0 V O0 to O7 pins, IO = 10 µA When IO = 100mA sink Applied voltage V = 11.8V |
Similar Part No. - BA823F |
|
Similar Description - BA823F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |