Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7726AFS Datasheet(PDF) 9 Page - Rohm

Part # BA7726AFS
Description  Analog compander with vocal fader for KARAOKE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7726AFS Datasheet(HTML) 9 Page - Rohm

Back Button BA7726AFS Datasheet HTML 3Page - Rohm BA7726AFS Datasheet HTML 4Page - Rohm BA7726AFS Datasheet HTML 5Page - Rohm BA7726AFS Datasheet HTML 6Page - Rohm BA7726AFS Datasheet HTML 7Page - Rohm BA7726AFS Datasheet HTML 8Page - Rohm BA7726AFS Datasheet HTML 9Page - Rohm BA7726AFS Datasheet HTML 10Page - Rohm BA7726AFS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Multimedia ICs
BA7726AS / BA7726AFS
(5) LPF
• Use the internal operational amplifier and an
attached capacitor and resistor to configure a tertiary
LPF for anti-aliasing and smoothing.
Cutoff frequency
LPF constant
Pass band gain
R1
R2
R3
C1
C2
C3
2kHz
22k
56k
47k
6800pF
4700pF
270pF
0.6dB
3kHz
18k
47k
39k
5600pF
3900pF
220pF
0.7dB
4kHz
15k
39k
33k
4700pF
3300pF
180pF
0.8dB
LPF constant examples (VCC = 9.0V)
CMP OUT (pin 20) output is positively correlated with Vcc. When Vcc is a voltage other than 9.0V, set the pass band gain so that maximum CMP side LPF output
(input to BU9252) is 5Vp-p. Make sure that the EXP side LPF constant does not exceed the load drive capability (minimum = 0.3mA, typical 0.5mA).
20
19
18
17
16
+
C3
R1
R3
C2
C1
R2
R1
C2
C1
R1
TO BU9252
FROM BU9252
Fig. 4 LPF
(6) Vocal fader function
• After the synchronous component of the left and
right channels is eliminated, LPF output is added to
the signal, which is then output (see figure below).
The vocal component is difficult to remove from cer-
tain types of sources.
56789
LINE
LINE
C2
C1
LPF
+
IN L
IN R
TO OUTSW
Fig. 5 Vocal fader block
LPF constant examples
Cutoff frequency
LPF constant
C1
C2
100Hz
0.022
µF
0.1
µF
150Hz
0.015
µF
0.068
µF
200Hz
0.01
µF
0.047
µF
C1 and C2 are only necessary when using the vocal fader function.
(7) ALC level
• When Vcc is 9.0V, ALC level can be set roughly
between -4dBV and +9dBV, and is determined by the
voltage impressed on pin 28 (V28, set with resistive
division between Vcc and the ground). ALC level is
calculated with the following equation, although slight
error occurs as V28 approaches VCC.
0
0
VCC = 9.0V
510
Set within this range
+ 10
+ 5
–5
–10
Pin 28 voltage: V28 (V)
at LINE OUT (f = 1kHz)
Fig. 6 ALC level vs. pin 28 voltage
These figures are for standard samples and
are not guaranteed standards.
VOAML
1.0
V28
0.85
× (VCC – 1.0), at LINE OUT
1
2
× 2 ×
(VCC – V28) [Vrms],


Similar Part No. - BA7726AFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7725 ROHM-BA7725 Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
BA7725FS ROHM-BA7725FS Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
More results

Similar Description - BA7726AFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
logo
Sony Corporation
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
logo
Rohm
BA3836 ROHM-BA3836 Datasheet
61Kb / 5P
   Vocal fader IC
BA3837 ROHM-BA3837 Datasheet
138Kb / 11P
   Vocal fader IC
BH3810FS ROHM-BH3810FS Datasheet
122Kb / 9P
   Vocal fader IC with input selector
logo
Silan Microelectronics ...
SA8507 SILAN-SA8507 Datasheet
202Kb / 5P
   COMPANDER
logo
Motorola, Inc
MC33411A MOTOROLA-MC33411A Datasheet
449Kb / 43P
   900 MHZ ANALOG CORDLESS PHONE BASEBAND WITH COMPANDER
logo
Unisonic Technologies
UTC571N UTC-UTC571N Datasheet
187Kb / 4P
   COMPANDER
logo
Samsung semiconductor
KA8507B SAMSUNG-KA8507B Datasheet
82Kb / 6P
   COMPANDER
logo
Hangzhou Youwang Electr...
UTC31101 YOUWANG-UTC31101 Datasheet
278Kb / 8P
   Compander
2005.11.30 V1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com