Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7725S Datasheet(PDF) 3 Page - Rohm

Part # BA7725S
Description  Analog compander for KARAOKE echo systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7725S Datasheet(HTML) 3 Page - Rohm

  BA7725S Datasheet HTML 1Page - Rohm BA7725S Datasheet HTML 2Page - Rohm BA7725S Datasheet HTML 3Page - Rohm BA7725S Datasheet HTML 4Page - Rohm BA7725S Datasheet HTML 5Page - Rohm BA7725S Datasheet HTML 6Page - Rohm BA7725S Datasheet HTML 7Page - Rohm BA7725S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Multimedia ICs
BA7725S / BA7725FS
Pin descriptions
Pin name
Function
BA7725S
BA7725FS
1
1
LINE OUT
Line output
2
2
LINE IN
Line input
3—
N.C.
4
3
ECHO LEV CTRL
Microphone turns off when voltage drops below 1V.
Set echo signal damping ratio between 2-9V (Vcc = 9.0V).
5
4
GND
Ground
6
5
LOOP GAIN CTRL
Setting the loop damping ratio. Set between
2-9V (Vcc = 9.0V).
7
6
EXP DET
Expand detection
8
7
EXP DET CT
9
8
EXP BF OUT
LPF BF output (expansion)
10
9
EXP BF IN
LPF BF input (expansion)
11
10
DLY BF OUT
Echo signal input BF output
12
11
DLY BF IN
Echo signal input BF input
13
12
CMP BF OUT
LPF BF output (compression)
14
13
CMP BF IN
LPF BF input (compression)
15
14
CMP OUT
Compression output
16
15
CMP DET CT
17
16
CMP DET
Compression detection
18
17
RIPPLE FITER
Attached ripple rejection capacitor
19
18
20
N.C.
21
19
MIC AMP OUT
Microphone amplifier output
22
20
MIC AMP IN
Microphone amplifier input
Setting expand attack / recovery time
Attack (R) = 5.6k
Ω, recovery (R) = 85.6kΩ
Setting the compression attack / recovery time
Attack (R) = 5.6k
Ω, recovery (R) = 85.6kΩ
VCC
VCC
Pin No.


Similar Part No. - BA7725S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7726 ROHM-BA7726 Datasheet
148Kb / 11P
   Analog compander with vocal fader for KARAOKE
BA7726AFS ROHM-BA7726AFS Datasheet
148Kb / 11P
   Analog compander with vocal fader for KARAOKE
BA7726AS ROHM-BA7726AS Datasheet
148Kb / 11P
   Analog compander with vocal fader for KARAOKE
More results

Similar Description - BA7725S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7726AS ROHM-BA7726AS Datasheet
148Kb / 11P
   Analog compander with vocal fader for KARAOKE
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
   KARAOKE echo IC
BU9253AS ROHM-BU9253AS_05 Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
logo
Silan Microelectronics ...
SA8507 SILAN-SA8507 Datasheet
202Kb / 5P
   COMPANDER
logo
Unisonic Technologies
UTC571N UTC-UTC571N Datasheet
187Kb / 4P
   COMPANDER
logo
Sony Corporation
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
logo
Samsung semiconductor
KA8507B SAMSUNG-KA8507B Datasheet
82Kb / 6P
   COMPANDER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com