Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-03-1162 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 22-03-1162
Description  2.5mm B-To-B Hdr SR VerB 16Ckt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

22-03-1162 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  22-03-1162 Datasheet HTML 1Page - Molex Electronics Ltd. 22-03-1162 Datasheet HTML 2Page - Molex Electronics Ltd. 22-03-1162 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 22-03-1162

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-03-1161 MOLEX2-22-03-1161 Datasheet
182Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 16 Circuits
More results

Similar Description - 22-03-1162

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022031182 MOLEX2-0022031182 Datasheet
112Kb / 3P
   2.5mm B-To-B Hdr SR VerB 18Ckt
logo
Adam Technologies, Inc.
25SH-C-XX-TS ADAM-TECH-25SH-C-XX-TS Datasheet
77Kb / 1P
   HEADER & HOUSING SYSTEMS 2.5mm Type B & C
25CH-B-XX ADAM-TECH-25CH-B-XX Datasheet
115Kb / 1P
   HEADER & HOUSING SYSTEMS 2.5mm Type B & C
logo
Tyco Electronics
1-1827876-3 MACOM-1-1827876-3 Datasheet
249Kb / 3P
   DYNAMIC D1200D 2.5mm PITCH HDR ASSY
logo
Assmann Electronics Inc...
AK673-2-R ASSMANN-AK673-2-R Datasheet
90Kb / 1P
   USB Cable B to B, ver. 1.1
logo
FCI connector
95000 FCI-CONNECTOR-95000 Datasheet
99Kb / 1P
   MINITEK SMT HDR SR POLARIZATION & LATCHING
logo
Tyco Electronics
4-176756-2 MACOM-4-176756-2 Datasheet
139Kb / 1P
   1.25 F-P CONNECTOR (B-TO-B)
logo
Molex Electronics Ltd.
1110195002 MOLEX1-1110195002 Datasheet
46Kb / 1P
   HSAutoLink Cable Assembly, LVDS MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization B-to-B
logo
Assmann Electronics Inc...
A-USB-6-R ASSMANN-A-USB-6-R Datasheet
101Kb / 1P
   USB Adapter, B Male to B Male
logo
Molex Electronics Ltd.
1110415002 MOLEX1-1110415002 Datasheet
47Kb / 1P
   HSAutoLink Cable Assembly, LVDS MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization B-to-B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com