Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA7630S Datasheet(PDF) 2 Page - Rohm

Part No. BA7630S
Description  Video switch for CANAL-Plus decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7630S Datasheet(HTML) 2 Page - Rohm

  BA7630S Datasheet HTML 1Page - Rohm BA7630S Datasheet HTML 2Page - Rohm BA7630S Datasheet HTML 3Page - Rohm BA7630S Datasheet HTML 4Page - Rohm BA7630S Datasheet HTML 5Page - Rohm BA7630S Datasheet HTML 6Page - Rohm BA7630S Datasheet HTML 7Page - Rohm BA7630S Datasheet HTML 8Page - Rohm BA7630S Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Multimedia ICs
BA7630S / BA7630F
Pin descriptions
Pin No.
Pin No.
1
IN 4
OUT 2
2
GND
3
IN 1
4
(5)
RESET IN
SW 5 OUT
5
(6)
IN 2
SW 6 OUT
GND
SW 7 OUT
IN 3
SW 8 OUT
SW 1 IN / OUT
CLOCK IN
SW 2 IN / OUT
DATA IN
SW 3 IN / OUT
SW 9 OUT
OUT 3
OUT 1
6
(7)
7
(8)
8
(9)
9
(10)
10 (13)
11 (14)
VCC
SW 4 IN / OUT
12 (15)
13 (16)
14 (17)
15 (20)
16 (21)
17 (22)
18 (23)
19 (24)
20 (26)
21 (27)
22 (28)
Pin name
Pin name
Pin numbers in parentheses are for the BA7630F.
Block diagram
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
BUFF
BUFF
LOGIC
6dB
AMP
6dB
AMP
CONTROL
LOGIC
LATCHES
SHIFT
REGISTER
SW4
SW3
SW12
SW2
SW1
SW12
SW4
SW3
SW2
SW1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
17
16
15
28
27
26
25
24
23
22
21
20
19
18
BUFF
BUFF
LOGIC
6dB
AMP
6dB
AMP
CONTROL
LOGIC
LATCHES
SHIFT
REGISTER
SW4
SW3
SW12
SW2
SW1
SW12
SW4
SW3
SW2
SW1
BA7630S
BA7630F


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn