Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7612F Datasheet(PDF) 4 Page - Rohm

Part # BA7612F
Description  Video signal switcher
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7612F Datasheet(HTML) 4 Page - Rohm

  BA7612F Datasheet HTML 1Page - Rohm BA7612F Datasheet HTML 2Page - Rohm BA7612F Datasheet HTML 3Page - Rohm BA7612F Datasheet HTML 4Page - Rohm BA7612F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Multimedia ICs
BA7612N / BA7612F
Measurement conditions
SW1
SW2
SW3
SW4
SW5
ICC
22222
IN1
IN2
IN3
Vom
Vom
Vom
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
IN1
IN2
IN3
GV
GV
GV
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
IN1
→IN2
IN1
→IN3
IN1
→MUTE
IN2
→IN3
IN2
→MUTE
IN3
→MUTE
CT
CT
CT
CT
CT
CT
1
1
1
2
2
2
2
2
2
1
1
2
2
2
2
2
2
1
3
2
2
2
2
2
2
3
2
3
2
2
IN1
IN2
IN3
Gf
Gf
Gf
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
CTLa
CTLb
VTH
VTH
2
2
2
1
1
2
1
3
3
1
f = 1kHz
THD = 0.5%
f = 1MHz,
V = 1VP-P
f = 4.43MHz,
V = 1VP-P
V = 1VP-P
f = 10MHz / f = 1MHz,
1
2
3
4
5
Parameter
Symbol
Switch settings
Measurement
method
Current dissipation
Ammeter
Maximum
output
level
Voltage gain
Interchannel
crosstalk
Frequency
characteristic
CTL pin
switching level
1: Connect a distortion meter to the output, and input a f = 1kHz sine wave. Adjust the input level until the output distortion is 0.5%.
This output voltage at this time multiplied by 2 is the maximum output level Vom (VP-P).
2: Input a 1VP-P, 1MHz sine wave. The voltage gain is given by GV = 20 log (VOUT / VIN) + 6.
3: Input a 1VP-P, 4.43MHz sine wave. The interchannel crosstalk is given by CT = 20 log (VOUT / VIN).
4: Input 1VP-P, 1MHz and 10MHz sine waves.
The frequency characteristic is given by Gf = 20 log (VOUT (f = 10MHz) / VOUT (f = 1MHz)).
5: Input a 1VP-P, 1MHz sine wave. Reduce the CTL pin voltage from VCC.
The CTL pin switching level (VTH) is the CTL pin voltage at which the VOUT level drops below 20mVP-P.
Electrical characteristic curves
123456
VCC = 9V
VCC = 5V
6
5
4
3
2
1
0
f = 1kHz
VCC = 12V
INPUT VOLTAGE: VIN (V)
Fig. 2 VIN vs. VOUT caracteristics (f = 1kHz)
8
6
4
2
0
– 2
– 4
– 6
– 8
1M
10M
100M
100k
FREQUENCY: (Hz)
VCC = 5V
VIN = 1VP-P
Fig. 3 Frequency characteristics
1M
10M
100M
0
– 20
– 40
– 60
– 80
100k
FREQUENCY: (Hz)
VCC = 5V
VIN = 1VP-P
Fig. 4 Interchannel crosstalk


Similar Part No. - BA7612F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7612F ROHM-BA7612F Datasheet
151Kb / 5P
   Single Output Video Drivers with built-in input Selector
More results

Similar Description - BA7612F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com