Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7611AN Datasheet(PDF) 4 Page - Rohm

Part # BA7611AN
Description  Video signal switcher
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7611AN Datasheet(HTML) 4 Page - Rohm

  BA7611AN Datasheet HTML 1Page - Rohm BA7611AN Datasheet HTML 2Page - Rohm BA7611AN Datasheet HTML 3Page - Rohm BA7611AN Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Multimedia ICs
BA7611AN / BA7611AF
Measurement conditions
SW1
SW2
SW3
SW4
SW5
ICC
22222
IN1
IN2
IN3
Vom
Vom
Vom
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
f = 1kHz,
THD = 0.5%
IN1
IN2
IN3
GV
GV
GV
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
f = 1MHz,
V = 1VP-P
IN1
→IN2
IN1
→IN3
IN1
→MUTE
IN2
→IN3
IN2
→MUTE
IN3
→MUTE
CT
CT
CT
CT
CT
CT
1
1
1
2
2
2
2
2
2
1
1
2
2
2
2
2
2
1
3
2
2
2
2
2
2
3
2
3
2
2
f = 4.43MHz
V = 1VP-P
IN1
IN2
IN3
Gf
Gf
Gf
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3V = 1VP-P
CTLa
CTLb
VTH
VTH
2
2
2
1
1
2
1
3
3
1
f = 10MHz
f = 1MHz
Parameter
Symbol
Switch settings
Measurement
method
Current dissipation
Ammeter
Maximum
output level
Voltage gain
∗ 2
Interchannel
crosstalk
∗ 3
Frequency
characteristic
∗ 4
CTL pin
switching level
∗ 5
∗ 1
1: Connect a distortion meter to the output, and input a f = 1kHz sine wave. Adjust the input level until the output distortion is 0.5%.
This output voltage at this time is the maximum output level Vom (VP-P).
2: Input a 1VP-P, 1MHz sine wave. The voltage gain is given by GV = 20 log (VOUT / VIN).
3: Input a 1VP-P, 4.43MHz sine wave. The interchannel crosstalk is given by CT = 20 log (VOUT / VIN).
4: Input 1VP-P, 1MHz and 10MHz sine waves. The frequency characteristic is given by Gf = 20 log (VOUT (f = 10MHz) / VOUT (f = 1MHz)).
5: Input a 1VP-P, 1MHz sine wave. Reduce the CTL pin voltage from VCC.
The CTL pin switching level (VTH) is the CTL pin voltage at which the VOUT level drops below 20mVP-P.
External dimensions (Units: mm)
SIP8
BA7611AN
BA7611AF
SOP8
1
8
2.54
1.3
0.8
0.6
0.3
± 0.1
2.8
± 0.2
19.3
± 0.2
0.4
± 0.1
1.27
0.15
0.3Min.
5.0
± 0.2
85
4
1


Similar Part No. - BA7611AN

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7611AF ROHM-BA7611AF Datasheet
146Kb / 5P
   Single Circuit Wide Dynamic Range Video Signal Switchers
More results

Similar Description - BA7611AN

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com