Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7184 Datasheet(PDF) 1 Page - Rohm

Part # BA7184
Description  4-channel PRE / REC amplifier with auto-tracking interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7184 Datasheet(HTML) 1 Page - Rohm

  BA7184 Datasheet HTML 1Page - Rohm BA7184 Datasheet HTML 2Page - Rohm BA7184 Datasheet HTML 3Page - Rohm BA7184 Datasheet HTML 4Page - Rohm BA7184 Datasheet HTML 5Page - Rohm BA7184 Datasheet HTML 6Page - Rohm BA7184 Datasheet HTML 7Page - Rohm BA7184 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Video ICs
4-channel PRE / REC amplifier with
auto-tracking interface
BA7184S
The BA7184S is a PRE / REC amplifier developed for use in video cassette recorders. It is compatible with four-head
decks and features built-in FB damping, four preamplifiers, a chroma output amplifier, an FM output amplifier (with
AGC), an envelope detector and envelope comparator, a constant-current BTL-drive REC amplifier (with AGC) and
channel switching, EP / SP switching, and mode switching integrated onto a single monolithic IC.
Applications
VCRs
Features
1) The playback amplifier has a total gain of 56dB
(Typ.), and has a low-noise preamplifier. Designed
for VHS band operation with low external parts
count. The IC has 4 circuits for 4-head VCR applica-
tions.
2) Two playback output systems (through output and
AGC output). The AGC output level is 315mVP-P
(Typ.); suitable for FM brightness signal output.
3) Auto-tracking interface for automated tracking
adjustment. Linear detector characteristic with sen-
sitivity that can be set using external components.
4) The recording amplifier uses constant-current BLT
drive that handles load variations (i.e. headimped-
ance) well, and gives stable recording characteris-
tics. 2 circuits are provided for 4-head VCR use.
5) Built-in recording level AGC means adjustment of
FM recording current is not necessary.
6) Head switches for 4-channel PRE / REC system
provided.
7) Operates off a single 5V power supply, with low
power dissipation.
Absolute maximum ratings (Ta = 25°C)
Recommended operating conditions (Ta = 25°C)
Applied voltage
Power dissipation
Operating temperature
Storage temperature
Parameter
1 Reduced by 10.5mW for each increase in Ta of 1°C over 25°C (free air).
Symbol
Limits
VCC
7.0
10501
Topr
Tstg
Unit
V
mW
°C
°C
Pd
– 20 ~ + 65
– 55 ~ + 125
Playback / recording
Parameter
Not designed for radiation resistance.
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
5.0
5.5
V
13pin


Similar Part No. - BA7184

ManufacturerPart #DatasheetDescription
logo
Rohm
BA718 ROHM-BA718 Datasheet
187Kb / 3P
   Dual Operational Amplifiers
BA7180 ROHM-BA7180 Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AFS ROHM-BA7180AFS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7181 ROHM-BA7181 Datasheet
95Kb / 8P
   2-channel PRE / REC amplifier with auto-tracking interface
More results

Similar Description - BA7184

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7182AS ROHM-BA7182AS Datasheet
100Kb / 9P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7181FS ROHM-BA7181FS Datasheet
95Kb / 8P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7274S ROHM-BA7274S Datasheet
127Kb / 6P
   4-channel video-signal PRE/REC amplifier
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
logo
Unisonic Technologies
TA7784P UTC-TA7784P Datasheet
206Kb / 4P
   DUAL PRE-AMPLIFIER FOR AUTO-REVERSE
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
New Japan Radio
NJM2067 NJRC-NJM2067 Datasheet
156Kb / 4P
   3V AUTO-REVERSE DUAL PRE-AMPLIFIER
logo
Toshiba Semiconductor
TA1250F TOSHIBA-TA1250F Datasheet
325Kb / 9P
   4-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com