Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6849FS Datasheet(PDF) 10 Page - Rohm

Part # BA6849FS
Description  3-phase motor driver for CD-ROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6849FS Datasheet(HTML) 10 Page - Rohm

Back Button BA6849FS Datasheet HTML 4Page - Rohm BA6849FS Datasheet HTML 5Page - Rohm BA6849FS Datasheet HTML 6Page - Rohm BA6849FS Datasheet HTML 7Page - Rohm BA6849FS Datasheet HTML 8Page - Rohm BA6849FS Datasheet HTML 9Page - Rohm BA6849FS Datasheet HTML 10Page - Rohm BA6849FS Datasheet HTML 11Page - Rohm BA6849FS Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
872
Motor driver ICs
BA6849FP / BA6849FP-Y / BA6849FM / BA6849FS
(4)
Short brake
When 3.5V or more is applied to the short brake pin, the
upper-side output transistors of all go off, and the lower-
side output transistors go on. Short braking operates re-
gardless of the torque command signal.
(5)
Other circuits
When 3.5V or more is applied to the power save pin, all
circuits are on. When 1.5V or less is applied, the IC en-
ters power save mode. Also, the Hall bias pins turn on
and off with the power save pin.
FApplication example


Similar Part No. - BA6849FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6840 ROHM-BA6840 Datasheet
127Kb / 9P
   3-phase motor driver
BA6840BFP ROHM-BA6840BFP Datasheet
127Kb / 9P
   3-phase motor driver
BA6840BFP-Y ROHM-BA6840BFP-Y Datasheet
127Kb / 9P
   3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
   3-phase motor driver
BA6842BFS ROHM-BA6842BFS Datasheet
127Kb / 9P
   3-phase motor driver
More results

Similar Description - BA6849FS

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
   3-Phase Motor Driver for CD-ROMs
logo
Rohm
BA6848FP ROHM-BA6848FP Datasheet
155Kb / 11P
   3-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UA9849 UTC-UA9849 Datasheet
188Kb / 11P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
UTCA9849 UTC-UTCA9849 Datasheet
148Kb / 11P
   3-phase motor driver for CD-ROMs
logo
Rohm
BD6660FV ROHM-BD6660FV Datasheet
144Kb / 12P
   3-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UA9849 UTC-UA9849_15 Datasheet
199Kb / 12P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
logo
Rohm
BA6858AFP ROHM-BA6858AFP Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
   Motor driver for CD-ROMs
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
   3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com