Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6438S Datasheet(PDF) 3 Page - Rohm

Part # BA6438S
Description  3-phase motor driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6438S Datasheet(HTML) 3 Page - Rohm

  BA6438S Datasheet HTML 1Page - Rohm BA6438S Datasheet HTML 2Page - Rohm BA6438S Datasheet HTML 3Page - Rohm BA6438S Datasheet HTML 4Page - Rohm BA6438S Datasheet HTML 5Page - Rohm BA6438S Datasheet HTML 6Page - Rohm BA6438S Datasheet HTML 7Page - Rohm BA6438S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BA6438S
Motor driver ICs
!Pin descriptions
Pin No.
1A3
2
ATC
3A2
4
PCH
5H3
6H3 +
7H2
8H2 +
9H1
10
H1+
11
12
GND
13
REG
14
VS
15
OSC
16
ECR
17
EC
18
PCV
19
VCC
20
TL
21
PCI
22
CS
23
A1
24
VM
ED / S
Pin name
Function
Motor output
Driver ground
Motor output
Hall amplifier AGC phase compensation
Hall signal input
Hall signal input
Hall signal input
Hall signal input
Hall signal input
Hall signal input
Signal ground
Switching regulator output (sink output)
High-side saturation detection output
Oscillator capacitor connection
Torque control reference voltage input
Torque control signal input
Phase compensation for preventing driver high-side saturation
Signal power supply
Torque limiter
Phase compensation for preventing driver low-side saturation
Current sensing input
Motor output
Motor power supply
Forward when LOW; stop when MEDIUM; reverse when HIGH
!Electrical characteristics
(unless otherwise noted, Ta = 25
°C, VCC = 5V, VM = 12V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Gio
0.25
0.31
0.36
EC = 2.2
→2.1V,
Input = L, L, H
VRCC
4.6
6.4
7.2
%
VOH
1.1
1.5
1.9
V
IO = 0.8A
VOL
0.95
1.3
1.65
V
IO = 0.8A
fOSC
100
135
160
kHz
C = 470pF
Gus
5.0
6.5
8.0
−−
IREGO
30
−−
mA
VO = 5V
Input = L, L, H
→L, M, H
Not designed for radiation resistance.
Torque control input / output gain
Ripple cancel ratio
Output high level voltage
Output low level voltage
Oscillator frequency
Saturation detection output gain
Regulator current capacity


Similar Part No. - BA6438S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6431S ROHM-BA6431S Datasheet
209Kb / 6P
   3-Phase DD Motor Drivers
BA6432S ROHM-BA6432S Datasheet
209Kb / 6P
   3-Phase DD Motor Drivers
logo
List of Unclassifed Man...
BA6435 ETC2-BA6435 Datasheet
2Mb / 31P
   SEMICONDUCTORS
BA6435S ETC2-BA6435S Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BA6438S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6458FP-Y ROHM-BA6458FP-Y Datasheet
135Kb / 8P
   3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
   3-phase motor driver
BA6871BS ROHM-BA6871BS Datasheet
201Kb / 11P
   3-phase motor driver
BA6860FS ROHM-BA6860FS Datasheet
611Kb / 11P
   3-phase motor driver
logo
Sanyo Semicon Device
LB1690 SANYO-LB1690 Datasheet
95Kb / 5P
   3-Phase Motor Driver????
logo
Rohm
BA6463FP-Y ROHM-BA6463FP-Y Datasheet
104Kb / 7P
   3-phase motor driver
BA6444FP ROHM-BA6444FP Datasheet
179Kb / 11P
   3-phase motor driver
BA6870S ROHM-BA6870S Datasheet
135Kb / 7P
   3-phase motor driver
BA6872AFM ROHM-BA6872AFM Datasheet
149Kb / 11P
   3-phase motor driver and reversible motor driver
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com