Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-70568-0059 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # A-70568-0059
Description  2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 54 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

A-70568-0059 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  A-70568-0059 Datasheet HTML 1Page - Molex Electronics Ltd. A-70568-0059 Datasheet HTML 2Page - Molex Electronics Ltd. A-70568-0059 Datasheet HTML 3Page - Molex Electronics Ltd. A-70568-0059 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - A-70568-0059

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-70568-0059 MOLEX2-A-70568-0059 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 6 Circuits, Tin (Sn) Plating
A-70568-0059 MOLEX11-A-70568-0059 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
More results

Similar Description - A-70568-0059

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015477672 MOLEX2-0015477672 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 72 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0015477630 MOLEX2-0015477630 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 30 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0015477640 MOLEX2-0015477640 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 40 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0543 MOLEX11-15-80-0543 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 54 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0015477612 MOLEX2-0015477612 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 12 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0015477670 MOLEX2-0015477670 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 70 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0015477668 MOLEX2-0015477668 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 68 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0015800543 MOLEX2-0015800543 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 54 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
15-80-0545 MOLEX11-15-80-0545 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 54 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0010897542 MOLEX1-0010897542 Datasheet
433Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 54 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com