Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6267 Datasheet(PDF) 1 Page - Rohm

Part # BA6267
Description  Hex buffer / driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6267 Datasheet(HTML) 1 Page - Rohm

  BA6267 Datasheet HTML 1Page - Rohm BA6267 Datasheet HTML 2Page - Rohm BA6267 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Standard ICs
Hex buffer / driver
BA6267 / BA6267F
The BA6267 and BA6267F can be connected with a high-voltage circuit such as the MOS and can be used to drive
high-current circuits such as lamps and relays. It can also be used as a buffer to drive TTL input.
Applications
Drivers such as lamps and relays
TTL input buffers
Features
Block diagram
14
13
12
11
10
9
8
67
5
4
3
2
1
6A
6Y
5A
5Y
4A
4Y
1A
1Y
2A
2Y
3A
3Y
GND
BA6267 / BA6267F
VCC
1) The pin layout is compatible with the SN7417.
2) Incorporates 6 circuits
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
7.0
V
BA6267
Pd
6001
mW
BA6267F
5502
Topr
0 ~ 70
°C
Tstg
– 55 ~ + 125
°C
VI
– 0.3 ~ + 5.5
V
Vo
18
V
Applied voltage
Operating temperature
Storage temperature
Input voltage
Output terminal voltage
1 Reduced by 6.0mW for each increase in Ta of 1°C over 25°C.
2 Reduced by 5.5mW for each increase in Ta of 1°C over 25°C.
When mounted on a 50mm
× 50mm × 1.6mm glass epoxy PCB.
Power dissipation


Similar Part No. - BA6267

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6266 ROHM-BA6266 Datasheet
37Kb / 3P
   6-channel inverter
BA6266F ROHM-BA6266F Datasheet
37Kb / 3P
   6-channel inverter
More results

Similar Description - BA6267

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74F367 NEXPERIA-74F367 Datasheet
204Kb / 10P
   Hex buffer/driver
2004 Jan 30
logo
Fairchild Semiconductor
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
NXP Semiconductors
74LV367 PHILIPS-74LV367 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
Fairchild Semiconductor
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com