Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6238 Datasheet(PDF) 6 Page - Rohm

Part # BA6238
Description  2-channel reversible motor driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6238 Datasheet(HTML) 6 Page - Rohm

  BA6238 Datasheet HTML 1Page - Rohm BA6238 Datasheet HTML 2Page - Rohm BA6238 Datasheet HTML 3Page - Rohm BA6238 Datasheet HTML 4Page - Rohm BA6238 Datasheet HTML 5Page - Rohm BA6238 Datasheet HTML 6Page - Rohm BA6238 Datasheet HTML 7Page - Rohm BA6238 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
495
Motor driver ICs
BA6238A / BA6238AN / BA6239A / BA6239AN
FOperation notes
(1)
Though the IC input pins can be directly connected
with MOS output pins, it is recommendable to connect re-
sistors of about 3
X 30kΩ between the pins for the sake
of pin protection (see Fig. 7).
(2)
When reversing the rotational direction of a motor,
make sure to go through the brake mode in-between the
opposite directions. It is recommendable to keep the
brake mode for at least 10
µs.
(3)
Powering procedures should be designed so that
VCC1 (pin 7) always rises first and falls last.
(4)
The quality of these products have been carefully
checked; however, use of the products with applied volt-
ages, operating temperatures, or other parameters that
exceed the absolute maximum rating given may result in
the damage of the IC and the product it is used in. If the
IC is damaged, the short mode and open modes cannot
be specified, so if the IC is to be used in applications
where parameters may exceed the absolute maximum
ratings, then be sure to incorporate fuses, or other physi-
cal safety measures.
(5)
Input pins
Voltage should never be applied to the input pins when
the VCC voltage is not applied to the IC. Similarly, when
VCC is applied, the voltage on each input pin should be
less than VCC and within the guaranteed range for the
electrical characteristics.
(6)
Back-rush voltage
Depending on the ambient conditions, environment, or
motor characteristics, the back-rush voltage may fluctu-
ate. Be sure to confirm that the back-rush voltage will not
adversely affect the operation of the IC.
(7)
Large current line
Large currents are carried by the motor power supply and
motor ground for these ICs.
Therefore, the layout of the pattern of the PC board and
the constants of certain parameters for external compo-
nents, such as the capacitor between the power supply
and ground, may cause this large output current to flow
back to the input pins, resulting in output oscillation or
other malfunctions. To prevent this, make sure that the
PC board layout and external circuit constants cause no
problems with the characteristics of these ICs.
(8)
Power dissipation
The power dissipation will fluctuate depending on the
mounting conditions of the IC and the ambient environ-
ment. Make sure to carefully check the thermal design of
the application where these ICs will be used.
(9)
Power consumption
The power consumption by the IC varies widely with the
power supply voltage and the output current. Give full
consideration to the power dissipation rating and the
thermal resistance data and transient thermal resistance
data, to provide a thermal design so that none of the rat-
ings for the IC are exceeded.
(10) ASO
Make sure that the output current and supply voltage do
not exceed the ASO values.
(11) Precautions for input mode switching
To ensure reliability, it is recommended that the mode
switching for the motor pass once through the open
mode.
(12) Factors regarding the thermal, power supply, and
motor conditions
If the potential of the output pin sways greatly and goes
below the potential of ground, the operation of the IC may
malfunction or be adversely affected. In such a case,
place a diode between the output and ground, or other
measure, to prevent this.


Similar Part No. - BA6238

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA6238 ETC2-BA6238 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA6238A ROHM-BA6238A Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
BA6238A ROHM-BA6238A Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6238A ROHM-BA6238A Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
logo
List of Unclassifed Man...
BA6238A ETC2-BA6238A Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BA6238

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6191 ROHM-BA6191 Datasheet
99Kb / 6P
   2-channel reversible-motor driver
BA6193 ROHM-BA6193 Datasheet
104Kb / 7P
   2-channel reversible-motor driver
BA6259N ROHM-BA6259N Datasheet
66Kb / 5P
   2-channel reversible motor driver
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2182 AMTEK-AM2182 Datasheet
370Kb / 12P
   One Channel Reversible Motor Driver
Mar, 2014 V1.1
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com