Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6129AF Datasheet(PDF) 9 Page - Rohm

Part # BA6129AF
Description  Reset IC with battery backup function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6129AF Datasheet(HTML) 9 Page - Rohm

  BA6129AF Datasheet HTML 1Page - Rohm BA6129AF Datasheet HTML 2Page - Rohm BA6129AF Datasheet HTML 3Page - Rohm BA6129AF Datasheet HTML 4Page - Rohm BA6129AF Datasheet HTML 5Page - Rohm BA6129AF Datasheet HTML 6Page - Rohm BA6129AF Datasheet HTML 7Page - Rohm BA6129AF Datasheet HTML 8Page - Rohm BA6129AF Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Memory ICs
BA6129AF / BA6162 / BA6162F
BA6129AF, BA6162F
BA6162
DIP8
SOP8
0.4
± 0.1
1.27
0.15
0.3Min.
5.0
± 0.2
85
4
1
0.5
± 0.1
85
14
9.3
± 0.3
0.3
± 0.1
2.54
0
°~15°
7.62
External dimensions (Units: mm)
VBAT = 3V
RO = 200k
RRES = 10k
VRES = VCC
10
9
8
7
6
5
4
3
2
1
0123456789
10
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 13 Output voltage vs. power
supply voltage
0
1020304050
4.9
4.7
4.8
5.0
VCC = 5V
VBAT = 3V
RRES = 10k
VRES = VCC
OUTPUT CURRENT: IO (mA)
Fig. 14 Output voltage vs. output
current (!) (when power
supply is detected)
0
50
100
150
200
250
2.9
2.8
2.7
2.6
VCC = GND
VBAT = 3V
RRES = 10k
VRES = VCC
OUTPUT CURRENT: IO (
µA)
Fig. 15 Output voltage vs. output
current (@) (when using
battery backup)


Similar Part No. - BA6129AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA612 ROHM-BA612 Datasheet
53Kb / 4P
   5-channel high current driver
logo
List of Unclassifed Man...
BA6122 ETC2-BA6122 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA6122A ROHM-BA6122A Datasheet
139Kb / 2P
   BA6122A
BA6122AF ROHM-BA6122AF Datasheet
139Kb / 2P
   BA6122A
BA6124 ROHM-BA6124 Datasheet
91Kb / 3P
   LED level meter driver, 5-point, VU scale
More results

Similar Description - BA6129AF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
   IC for System Reset (battery backup)
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com