Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5944FP Datasheet(PDF) 2 Page - Rohm

Part # BA5944FP
Description  BTL Driver IC for CD-ROM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5944FP Datasheet(HTML) 2 Page - Rohm

  BA5944FP Datasheet HTML 1Page - Rohm BA5944FP Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application circuit
Electrical Characteristics
Quiescent current
<DRIVER>
Output offset voltage
Output amplitude 1
Output amplitude 2
Gain (close circuit)
<REGULATOR>
Peak output current
Output voltage
Load regulation
Line regulation
<COMPARATOR>
Input offset voltage
Common mode input voltage range
<RESET>
Reset ON voltage
Hysteresis bound
VRSTHY
VRSTON
Icc
Voo
VOM1
VOM2
Gvc
IoMax
VREG
V RL
mA
mV
V
V
dB
mA
V
15.0
50.0
13.0
3.675
50
10.0
0.0
3.6
4.1
11.5
3.60
20
50.0
3.2
3.7
10.0
200
3.525
No load
Vin=BIAS – 0.5V
IL=100mA
IL=0~200mA
Conditions
Symbol
Unit
Min.
Typ.
Max.
V Vcc
Vio
VICM
mV
V
mV
10
4.0
Vcc 1.6
90
3
60
4.0
0.0
40
Vcc=4.5~13.2V
V
4.28
4.20
4.12
RESET IN=High >Low
mV
mV
Pre Vcc=12V, Pow Vcc=5V
Parameter
This product is not designed for protection against radioactive rays.
(Unless otherwise noted, Pre/Pow/Reg, Vcc=5V, BIAS=1.65V, RL=8
)
Driver
MUTE
Level Shift
+
Pow
GND
25
24
23
22
21
20
19
18
17
16
15
14
1
2
3
4
5
6
8
9
10
11
12
13
7
PRE
Vcc
REG
Vcc
POW
Vcc
T.S.D
Reg
1
RESET
IN
+
Level Shift
Driver
MUTE
RESET
OUT
RESET
Vcc
IN1
IN2
BIAS
Comparator1
Comp.1
OUT
IN1—
IN1+
PRE
GND
Reg2
ON/OFF
Reg2
ON/OFF
Reg2
Comparator2
IN2—
IN2+
Comp.2
OUT


Similar Part No. - BA5944FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
BA5947FM ROHM-BA5947FM Datasheet
297Kb / 6P
   Silicon Monolithic integrated Circuit
BA5947FM ROHM-BA5947FM Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
More results

Similar Description - BA5944FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
BA5983FM ROHM-BA5983FM_1 Datasheet
114Kb / 6P
   BTL Driver For CD-ROM
BA5983FM ROHM-BA5983FM Datasheet
468Kb / 7P
   BTL Driver For CD-ROM
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
List of Unclassifed Man...
AT5654 ETC1-AT5654 Datasheet
564Kb / 12P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM
logo
Sanyo Semicon Device
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6543M SANYO-LA6543M Datasheet
75Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6545M SANYO-LA6545M Datasheet
62Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
LA6542M SANYO-LA6542M Datasheet
73Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com