Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5406 Datasheet(PDF) 2 Page - Rohm

Part # BA5406
Description  12V / 5W dual power amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5406 Datasheet(HTML) 2 Page - Rohm

  BA5406 Datasheet HTML 1Page - Rohm BA5406 Datasheet HTML 2Page - Rohm BA5406 Datasheet HTML 3Page - Rohm BA5406 Datasheet HTML 4Page - Rohm BA5406 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
391
Audio ICs
BA5406
FInternal circuit configuration
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
FElectrical characteristics (unless otherwise noted, Ta = 25_C and VCC = 12V)


Similar Part No. - BA5406

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
160Kb / 5P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
899Kb / 9P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
636Kb / 11P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
697Kb / 11P
   Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
156Kb / 7P
   High-output dual power amplifier
More results

Similar Description - BA5406

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5408 ROHM-BA5408 Datasheet
176Kb / 3P
   12V-5W Dual Power Amplifier
logo
STMicroelectronics
TDA7266D STMICROELECTRONICS-TDA7266D Datasheet
192Kb / 13P
   5W5W DUAL BRIDGE AMPLIFIER
logo
Rohm
BA536 ROHM-BA536 Datasheet
132Kb / 2P
   12V/4.5W Dual Power Amplifier
BA5402A ROHM-BA5402A Datasheet
89Kb / 3P
   12V-4.2W Dual Power Amplifier
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
EN3309D ONSEMI-EN3309D Datasheet
103Kb / 9P
   5W Power Amplifier
June, 2013
logo
Hangzhou Youwang Electr...
UTC17821 YOUWANG-UTC17821 Datasheet
103Kb / 5P
   DUAL 5W BTL AUDIO POWER AMPLIFIER CIRCUIT
2008.02.17
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com