Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA44W12 Datasheet(PDF) 8 Page - Rohm

Part # BA44W12
Description  Dual output voltage regulator with power saving
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA44W12 Datasheet(HTML) 8 Page - Rohm

  BA44W12 Datasheet HTML 1Page - Rohm BA44W12 Datasheet HTML 2Page - Rohm BA44W12 Datasheet HTML 3Page - Rohm BA44W12 Datasheet HTML 4Page - Rohm BA44W12 Datasheet HTML 5Page - Rohm BA44W12 Datasheet HTML 6Page - Rohm BA44W12 Datasheet HTML 7Page - Rohm BA44W12 Datasheet HTML 8Page - Rohm BA44W12 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BA44W12SAT
Regulator ICs
(9) Recommended to put diode for protection in case of output pin connected with large load of impedance or reserve
current occurred at initial and output off.
Output
(Example)
(10) When used within a strong magnetic field, be aware that there is a slight possibility of malfunction.
(11) We are confident in recommending the above application circuit example, but we ask that you carefully check the
characteristics of this circuit before using it. If using circuit after modifying other external circuit constants, be careful to
ensure adequate margins for variation between external devices and this IC, including not only static characteristics
but also transient characteristics.
This IC is a bipolar IC which (as shown in Figure 9) has P+ isolation in the P substrate and between the various pins.
A P-N junction is formed form this P layer and the N layer of each pin. For example the relation between each
potentials is as follows,
(When GND > PinB and GND > PinA, the P-N junction operates as a parasitic diode.)
(When PinB > GND > PinA, the P-N junction operates as a parasitic transistor.)
Parasitic diodes can occur inevitably in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits as well as operation faults and physical damage. Accordingly, you must not use methods
by which parasitic diodes operate, such as applying a voltage that is lower than the GND (P substrate) voltage to an
input pin.
(Pin A)
(Pin A)
Resistance
P substrate
N
GND
GND
N
P
N
P
+
P
+
Parasitic diode
Parasitic diode
(Pin B)
Transistor (NPN)
P substrate
N
C
B
E
GND
N
N
P
N
P
+
P
+
Parasitic diode or
transistor
Parasitic diode
or transistor
GND
(Pin B)
GND
C
E
B
Fig.9 Simplified structure of bipolar IC


Similar Part No. - BA44W12

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4402 ROHM-BA4402 Datasheet
141Kb / 5P
   FM FRONT END
BA4403 ROHM-BA4403 Datasheet
141Kb / 5P
   FM FRONT END
BA4404 ROHM-BA4404 Datasheet
141Kb / 5P
   FM FRONT END
BA4405 ROHM-BA4405 Datasheet
141Kb / 5P
   FM FRONT END
BA4408F ROHM-BA4408F Datasheet
248Kb / 6P
   ICS for audio Applications
More results

Similar Description - BA44W12

ManufacturerPart #DatasheetDescription
logo
Rohm
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
   Dual output voltage regulator with power saving
BA41W12SAT ROHM-BA41W12SAT Datasheet
74Kb / 9P
   Dual output voltage regulator with power saving
BA51W12ST ROHM-BA51W12ST Datasheet
126Kb / 10P
   Dual output voltage regulator with power saving
BA61W12ST ROHM-BA61W12ST Datasheet
121Kb / 9P
   Dual output voltage regulator with power saving
BA51W12SAT ROHM-BA51W12SAT Datasheet
110Kb / 9P
   Dual output voltage regulator with power saving
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com