Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3899 Datasheet(PDF) 7 Page - Rohm

Part # BA3899
Description  EL driver for portable sets
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3899 Datasheet(HTML) 7 Page - Rohm

  BA3899 Datasheet HTML 1Page - Rohm BA3899 Datasheet HTML 2Page - Rohm BA3899 Datasheet HTML 3Page - Rohm BA3899 Datasheet HTML 4Page - Rohm BA3899 Datasheet HTML 5Page - Rohm BA3899 Datasheet HTML 6Page - Rohm BA3899 Datasheet HTML 7Page - Rohm BA3899 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Standard ICs
BA3899F
Electrical characteristic curves
0
0
1
2
3
45
67
8
9
10
1
2
3
4
5
6
7
C1 = 0.033
µF
C2 = 1500pF
VST = 5V
Rx =
8
9
10
75
°C
– 25
°C
25
°C
INPUT VOLTAGE: VCC (
V)
Fig. 6 Supply current (when used
as stand-alone unit) vs.
power supply voltage
10k
1k
100
02
3
15
46
7
8
C1 = 0.033
µF
C2 = 1500pF
Rx =
75
°C
fSW1
fSW2
– 25
°C
25
°C
75
°C
– 25
°C
25
°C
INPUT VOLTAGE: VCC (
V)
Fig. 7 Oscillation frequency of C1
and C2 pins vs. power supply
voltage
0
0
1
2
3
45
67
8
9
10
50
100
150
200
250
VC1 = 1.0V
VSW1 = 0V
25
°C
– 25
°C
75
°C
INPUT VOLTAGE: VCC (
V)
Fig. 8 SW1 sink current vs.
power supply voltage
INPUT VOLTAGE: VCC (
V)
0
0
1
2
3
45
67
8
9
10
10
2.0
3.0
1.0
VC1 = 0V
VSW1 = 1.0V
VST = 5V
25
°C
– 25
°C
75
°C
Fig. 9 SW1 source current vs.
power supply voltage
0
0
1
2
3
45
67
8
9
10
1
2
3
4
5
6
7
VC1 = 1.0V
VSW1 = 0V
VST = 5V
8
9
10
INPUT VOLTAGE: VCC (
V)
75
°C
– 25
°C
25
°C
Fig. 10 SW2 source current vs.
power supply voltage
0
0
1
2
3
45
67
8
9
10
100
200
300
400
500
600
700
VCC = 5V
VSW2 = 0.2V
VST = 0V
800
900
1000
INPUT VOLTAGE: VCC (
V)
75
°C
– 25
°C
25
°C
Fig. 11 SW2 pull-down resistance vs.
power supply voltage


Similar Part No. - BA3899

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3890 ROHM-BA3890 Datasheet
56Kb / 4P
   Pulse width controller for portable CD players
BA3890F ROHM-BA3890F Datasheet
56Kb / 4P
   Pulse width controller for portable CD players
logo
List of Unclassifed Man...
BA38931 ETC-BA38931 Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
BA38933 ETC-BA38933 Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
More results

Similar Description - BA3899

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
   EL Driver
logo
TOKO, Inc
D32FU TOKO-D32FU Datasheet
91Kb / 1P
   Fixed Inductors for EL Lamp Driver
logo
Rohm
BH6541KV ROHM-BH6541KV Datasheet
182Kb / 3P
   Power driver for portable CD
logo
TOKO, Inc
D31FU TOKO-D31FU Datasheet
91Kb / 1P
   Fixed Inductors for EL Lamp Driver
logo
Nippon Precision Circui...
SM8145A NPC-SM8145A Datasheet
112Kb / 7P
   Dual EL Driver
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
SM8143A NPC-SM8143A Datasheet
75Kb / 6P
   EL Sheet Driver
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
logo
Nippon Precision Circui...
SM8146AD1 NPC-SM8146AD1 Datasheet
304Kb / 19P
   EL Driver IC
SM8142 NPC-SM8142 Datasheet
102Kb / 8P
   EL Sheet Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com