Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3880AFS Datasheet(PDF) 3 Page - Rohm

Part # BA3880AFS
Description  High-definition sound processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3880AFS Datasheet(HTML) 3 Page - Rohm

  BA3880AFS Datasheet HTML 1Page - Rohm BA3880AFS Datasheet HTML 2Page - Rohm BA3880AFS Datasheet HTML 3Page - Rohm BA3880AFS Datasheet HTML 4Page - Rohm BA3880AFS Datasheet HTML 5Page - Rohm BA3880AFS Datasheet HTML 6Page - Rohm BA3880AFS Datasheet HTML 7Page - Rohm BA3880AFS Datasheet HTML 8Page - Rohm BA3880AFS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BA3880AS / BA3880AFS
Audio ICs
!
!
!
!Measurement circuit
BA3880AS
0.1
µ
0.01
µ
1
µ
47
µ
470p
6800p
9V
100k
1
22
2
21
3
20
4
19
5
18
6
17
7
16
8
15
9
14
10
13
11
12
470p
6800p
0.01
µ
0.068
µ
0.068
µ
4.7
µ
4.7
µ
1
µ
9V
4.5V
V
V
THD
47
µ
4.7
µ
100k
V
V
THD
4.7
µ
600
4.7
µ
600
4.7
µ
MIXL
VCAL
VCC
DEFL
DETL
GND
DETR
DEFR
CTL
VCAR
MIXR
(Units) R :
C : F
OUTL
INL
APFL
HPFL
LPFL
BIASC
LPFR
HPFR
APFR
INR
OUTR
BA3880AS
A
Fig.1


Similar Part No. - BA3880AFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3880S ROHM-BA3880S Datasheet
109Kb / 10P
   High-definition sound processor
More results

Similar Description - BA3880AFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3884F ROHM-BA3884F Datasheet
113Kb / 9P
   High-definition sound processor
BA3888S ROHM-BA3888S Datasheet
100Kb / 8P
   High-definition sound processor
BA3880S ROHM-BA3880S Datasheet
109Kb / 10P
   High-definition sound processor
logo
C-Media Electronics
CM6632A CMEDIA-CM6632A Datasheet
363Kb / 15P
   USB 2.0 High-Definition Audio Processor
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
YSF224B ETC-YSF224B Datasheet
472Kb / 8P
   SOUND ANALYSIS PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com