Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3714F Datasheet(PDF) 1 Page - Rohm

Part # BA3714F
Description  1.5V signal sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3714F Datasheet(HTML) 1 Page - Rohm

  BA3714F Datasheet HTML 1Page - Rohm BA3714F Datasheet HTML 2Page - Rohm BA3714F Datasheet HTML 3Page - Rohm BA3714F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
746
Audio ICs
1.5V signal sensor
BA3714F
The BA3714F is a signal sensor consisting of a sensor circuit which detects the presence of an input signal, a logic circuit
which controls an output drive circuit based on the input signal, and an output drive circuit. The signal sensor circuit em-
ploys the dual-wave rectified current method for excellent response.
The outputs TE of Pin 3 and TON of Pin 5 can be respectively set by choosing appropriate values for the capacitor between
Pin 7 and VCC and the capacitor between Pin 1 and ground.
Drive outputs include two systems OUT1 and OUT which are controlled by the logic block. These systems can be com-
bined to enable a wide range of designs.
FApplications
Tape end sensors for 1.5 to 3V headphone stereos
Mute and song selection sensors
FFeatures
1) Operation possible at ultra-low voltages. (VCC = 0.8
to 4.5V)
2) Minimal attached components.
3) Uses dual rectified current method for excellent sig-
nal response.
4) Very low current dissipation. (IQ = 0.9mA)
5) When used for a tape end sensor, can also be used
with mechanical auto-off.
6) SOP 8-pin package allows space conservation on
the board.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA3714F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3703F ROHM-BA3703F Datasheet
71Kb / 4P
   Mute detector IC
BA3708F ROHM-BA3708F Datasheet
155Kb / 8P
   Mute detector IC for 3V sets
logo
List of Unclassifed Man...
BA37931E ETC-BA37931E Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
BA37933 ETC-BA37933 Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
More results

Similar Description - BA3714F

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
SG Micro Corp
SGM447 SGMICRO-SGM447 Datasheet
451Kb / 6P
   1.5V Dual-Gain Analog Temperature Sensor with Class-AB Output
NOVEMBER 2022 - REV. A
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
logo
Shenzhen Titan Micro El...
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
   Infrared Sensor Signal Processor
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com