Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA1451 Datasheet(PDF) 3 Page - Rohm

Part # BA1451
Description  AM radio / FM IF stereo system IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA1451 Datasheet(HTML) 3 Page - Rohm

  BA1451 Datasheet HTML 1Page - Rohm BA1451 Datasheet HTML 2Page - Rohm BA1451 Datasheet HTML 3Page - Rohm BA1451 Datasheet HTML 4Page - Rohm BA1451 Datasheet HTML 5Page - Rohm BA1451 Datasheet HTML 6Page - Rohm BA1451 Datasheet HTML 7Page - Rohm BA1451 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BA1451F
Audio ICs
FM
AM
8
00
9
4.2
4.2
10
1.5
1.5
11
1.5
1.5
12
0
13
GND
10k
10k
MUTE
IF OUT
8
4
2
4
9
VCC
GND
VCC
GND
10/11
2
4
23
4
12
AM/FM
GND
23
4
GND
13
2.1
Vreg
Vreg
MONO
2.1
2.1
Pin No.
Function
Internal circuit
Quiescent pin voltage (V)
· IF request
Output the IF signal to pin9 excess
of 4.0V.
Stops the IF signal at equal to or less
than 3.0V.
· MUTE
Apply to muting excess of 2.0V.
Off the muting at equal to or less
than 1.0V.
IF output
Output for the IF signal.
R-channel output
L-channel output
· PLL filter
Connect to a lag/lead filter.
· AM / FM band switch
AM band when connected to GND.
· Forced monaural
Forced monaural operation connecting
to get a resistor to mediate.
(Recommended value : 10k
Ω to
ground.)
· Pilot filter
Connect to a capacitor.


Similar Part No. - BA1451

ManufacturerPart #DatasheetDescription
logo
Rohm
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
More results

Similar Description - BA1451

ManufacturerPart #DatasheetDescription
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
logo
Sony Corporation
CXA1538M SONY-CXA1538M Datasheet
299Kb / 15P
   FM STEREO/AM RADIO
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
   AM/FM RADIO SYSTEM
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
   FM/AM RADIO IC
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
   AM/FM RADIO IC
TA2132BP TOSHIBA-TA2132BP Datasheet
252Kb / 13P
   AM/FM Radio IC
logo
Unisonic Technologies
UTCTA2003 UTC-UTCTA2003 Datasheet
82Kb / 6P
   AM/FM RADIO IC
logo
Toshiba Semiconductor
TA2003PG TOSHIBA-TA2003PG Datasheet
371Kb / 11P
   AM / FM Radio IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com