Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA1451F Datasheet(PDF) 8 Page - Rohm

Part # BA1451F
Description  AM radio / FM IF stereo system IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA1451F Datasheet(HTML) 8 Page - Rohm

  BA1451F Datasheet HTML 1Page - Rohm BA1451F Datasheet HTML 2Page - Rohm BA1451F Datasheet HTML 3Page - Rohm BA1451F Datasheet HTML 4Page - Rohm BA1451F Datasheet HTML 5Page - Rohm BA1451F Datasheet HTML 6Page - Rohm BA1451F Datasheet HTML 7Page - Rohm BA1451F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
BA1451F
Audio ICs
3
45
6
7
8
9
10.80
10.75
10.70
10.65
10.60
10.55
POWER SUPPLY VOLTAGE : Vcc (V)
RBW=20k
Ω, VIN=100dBµ
Ta=25˚C
Fig.5 FM bandwidth vs.
power supply voltage
50
40
30
20
1
10
0
2
0
FREQUENCY : fm (Hz)
50
100 200 500
1k
2k
5k 10k 20k
SEP
THD
Vcc=5V
fIN=10.7MHz
VIN=100dB
µ
∆f=±22.5kHzdev
pilot=±7.5kHzdev
Ta=25˚C
L
→R
R
→L
60
MAIN
R
L
SUB
MONO
Fig.6 Channel separation and
THD vs. frequency
Fig.7 AM input / output characteristics
10
0
−10
−20
−30
−40
−50
−60
−70
−20
0
50
100
120
INPUT VOLTAGE : VIN
(dB
µ)
VOUT=5V,
fIN=1000kHz,
fm=1kHz
MOD=30%,
Ta=25˚C
S+D+N
VAGC
N
D+N (80%)
D+N (30%)
0
1
2
3
4
5
6
7
8
9
10
S / N=20dB
0
1.0
2.0
3.0
LED ON
fIN=1000kHz,
VIN=74dB
µ,
MOD=30%
fm=1kHz,
Ta=25˚C
POWER SUPPLY VOLTAGE : VCC (V)
100
90
80
70
60
50
40
30
20
10
0
10
9
8
7
6
5
4
3
2
1
0
34
5
6
7
8
9
Vo
TUNED ON
Q.S.
100
90
80
70
60
50
40
30
20
10
0
Fig.8 AM characteristics vs.
power suppy voltage
D+N (80%)
D+N (30%)
!
!
!
!External dimensions
(Units : mm)
Fig.9 AM detector output and
THD vs. frequency
FREQUENCY : fm (Hz)
10
0
−20
−40
−50
−60
−70
−10
−30
50
100
200
500
1k
2k
5k
10k 20k
VO
D+N (80%)
D+N (30%)
VCC
=5V
fIN
=1000MHz
VIN
=74dB
µ
MOD
=30%
Ta
=25˚C
0
5
10
SOP24
0.15
0.4 ± 0.1
15.0 ± 0.2
0.3Min.
24
1
13
12
1.27


Similar Part No. - BA1451F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
More results

Similar Description - BA1451F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
logo
Sony Corporation
CXA1538M SONY-CXA1538M Datasheet
299Kb / 15P
   FM STEREO/AM RADIO
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
   AM/FM RADIO SYSTEM
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
   FM/AM RADIO IC
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
   AM/FM RADIO IC
TA2132BP TOSHIBA-TA2132BP Datasheet
252Kb / 13P
   AM/FM Radio IC
logo
Unisonic Technologies
UTCTA2003 UTC-UTCTA2003 Datasheet
82Kb / 6P
   AM/FM RADIO IC
logo
Toshiba Semiconductor
TA2003PG TOSHIBA-TA2003PG Datasheet
371Kb / 11P
   AM / FM Radio IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com