Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA12001B Datasheet(PDF) 6 Page - Rohm

Part No. BA12001B
Description  High voltage, high current Darlington transistor array
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BA12001B Datasheet(HTML) 6 Page - Rohm

  BA12001B Datasheet HTML 1Page - Rohm BA12001B Datasheet HTML 2Page - Rohm BA12001B Datasheet HTML 3Page - Rohm BA12001B Datasheet HTML 4Page - Rohm BA12001B Datasheet HTML 5Page - Rohm BA12001B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
INPUT VOLTAGE : VIN (V)
4
3
2
1
0
10
20
30
40
Ta = 25˚C
Ta = 75˚C
Ta =
−25˚C
Fig.16 Input current vs. input
voltage (BA12004B)
INPUT VOLTAGE : VIN (V)
0.5
1
1.5
2.5
2
25
20
15
10
5
0
Ta = 75˚C
Ta = 25˚C
Ta =
−25˚C
VOUT = 20V
RL = 68
Fig.17 Output voltage vs. input
voltage (BA12003B / BF)
25
20
5
15
10
0
12
3
4
5
Ta = 75˚C
Ta = 25˚C
Ta =
−25˚C
VOUT = 20V
RL = 68
INPUT VOLTAGE : VIN (V), VI (V)
Fig.18 Output voltage vs. input
voltage (BA12004B)
External dimensions (Units : mm)
DIP16
SOP16
BA12001B / BA12003B / BA12004B
BA12003BF
0.4 ± 0.1
1.27
0.15
0.3Min.
1
16
10.0 ± 0.2
8
9
0.3 ± 0.1
9
16
8
1
0.5 ± 0.1
19.4 ± 0.3
2.54
0
° ~ 15°
7.62


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn