Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA12001B Datasheet(PDF) 5 Page - Rohm

Part No. BA12001B
Description  High voltage, high current Darlington transistor array
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BA12001B Datasheet(HTML) 5 Page - Rohm

  BA12001B Datasheet HTML 1Page - Rohm BA12001B Datasheet HTML 2Page - Rohm BA12001B Datasheet HTML 3Page - Rohm BA12001B Datasheet HTML 4Page - Rohm BA12001B Datasheet HTML 5Page - Rohm BA12001B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
Electrical characteristic curves
AMBIENT TEMPERATURE : Ta (˚C)
1200
1250
1400
1000
800
600
625
400
200
0
25
50
75
100
125
150
Fig.7 Power dissipation vs. ambient
temperature
Other than BA12003BF
BA12003BF
DUTY CYCLE : (%)
500
400
300
200
100
0
10 20 30 40 50 60 70 80 90 100
All series
2ch
4ch
5ch
7ch
6ch
3ch
Fig.8 Output conditions (I)
DUTY CYCLE (%)
500
400
350
300
200
100
0
20
40
60
80
100
10%
20%
Ta = 75˚C
Ta = 25˚C
110mA
64mA
Fig.9 Output conditions (II)
When all circuits are on
All series
SUPPLY VOLTAGE: VCC (V)
500
400
350
300
200
100
0
10
20
30
40
50
Max. usage conditions
Usage conditions range
Fig.10 Usage conditions range
per circuit
The shaded range should
never be exceeded under
any circumstances
OUTPUT CURRET : IOUT (mA)
5000
2000
1000
100
200
500
Ta = 25˚C
VCE = 2.0V
10
20
50
100
200
500
1000
Fig.11 DC current transfer ratio
vs. output current
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
500
400
300
0
100
200
0
0.5
1.0
1.5
2.0
2.5
Ta = 25˚C
Ta = 80˚C
Ta =
−30˚C
IIN = 250
µA
Fig.12 Output current vs. voltage
between collector and emitter
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
500
400
300
0
100
200
10
0.5
1.0
1.5
2.0
2.5
Ta = 25˚C
Ta = 80˚C
Ta =
−30˚C
IIN = 350
µA
Fig.13 Output current vs. voltage
between collector and emitter
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
500
400
300
0
100
200
0
0.5
1.0
1.5
2.0
2.5
Ta = 25˚C
Ta = 80˚C
Ta =
−30˚C
IIN = 500
µA
Fig.14 Output current vs. voltage
between collector and emitter
INPUT VOLTAGE : VIN (V)
20
15
10
0
5
10
20
30
40
Ta =
−25˚C
Ta = 25˚C
Ta = 75˚C
Fig.15 Input current vs. input
voltage (BA12003B / BF)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn