Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA10339 Datasheet(PDF) 1 Page - Rohm

Part # BA10339
Description  Quad comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10339 Datasheet(HTML) 1 Page - Rohm

  BA10339 Datasheet HTML 1Page - Rohm BA10339 Datasheet HTML 2Page - Rohm BA10339 Datasheet HTML 3Page - Rohm BA10339 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Standard ICs
Quad comparator
BA10339 / BA10339F / BA10339FV
The BA10339, BA10339F, and BA10339FV each consist of four comparators in a single package. The open collector
output allows a wired OR connection.
These products feature a wide range of operating power supply voltages, from 3 to 36V with single power supply
operation, and from ±1.5 to ± 18V with dual power supply operation. Available packages include 14-pin DIP
(BA10339), 14-pin SOP (BA10339F), and 14-pin SSOP-B (BA10339FV).
Features
Block diagram and internal circuit configuration
VCC
OUT
GND
Q8
Q7
Q4
Q6
Q3
Q2
Q1
Q5
+ IN
– IN
BA10339 / BA10339F / BA10339FV
1) Wide range of operating voltages (single power sup-
ply: 3 to 36V; dual power supply: ± 1.5 to ± 18V)
2) Low current dissipation (0.8mA typ., VCC = 5V)
3) Low input offset current (5nA typ., VCC = 5V) and
input offset voltage (2mV typ., VCC = 5V)
4) Wide common-mode input voltage range
(0 to VCC – 1.5V).
5) Open collector output.


Similar Part No. - BA10339

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
958Kb / 56P
   Ground Sense Comparator
logo
List of Unclassifed Man...
BA10339 ETC2-BA10339 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
BA10339F ROHM-BA10339F Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339F ROHM-BA10339F Datasheet
466Kb / 20P
   Comparators : Ground Sense
More results

Similar Description - BA10339

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
   QUAD COMPARATOR
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
   QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
   QUAD COMPARATOR
logo
Fairchild Semiconductor
KA239 FAIRCHILD-KA239 Datasheet
86Kb / 8P
   Quad Comparator
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
   QUAD COMPARATOR
logo
Ceramate Technical
CO339 CERAMATE-CO339 Datasheet
91Kb / 4P
   Quad Comparator
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339_12 Datasheet
124Kb / 8P
   Quad Comparator
KA339DTF FAIRCHILD-KA339DTF Datasheet
124Kb / 8P
   Quad Comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com