Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA00BC0WT Datasheet(PDF) 2 Page - Rohm

Part # BA00BC0WT
Description  Low Voltage Variable Output LDO Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00BC0WT Datasheet(HTML) 2 Page - Rohm

  BA00BC0WT Datasheet HTML 1Page - Rohm BA00BC0WT Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings (Ta=25˚C)
Supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
*2 Mounted on 70mm x70mm x1.6mm glass-epoxy PCB Derating in done at 10.4mW/˚C for operating above Ta=25˚C
*3 Derating in done at 16mW/˚C for operating above Ta=25˚C
*1 Do not however exceed Pd.
Vcc
Pd
Topr
Tstg
18
2000
(TO220FP-5)
1300
(TO252-5)
+105
+150
-40
-55
~
~
mW
˚C
˚C
Junction temperature
Tjmax
150
˚C
V
Application Circuit
Input voltage
Output current
VCC
Io
-
-
-
3.0
16.0
1
V
A
Output voltage
VOUT
1.5
-
12.0
V
Recommended Operating Conditions (Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
Electrical Characteristics (Unless otherwise specified, Ta=25˚C, Vcc=3.3V, Io=200mA, R1=30kΩ, R2=30kΩ)
*2
*3
*1
*4 Do not however, Vcc ≥ 3.3V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Vctl=0V
Io=50mA
Io=200mA
Vcc=3.0V
f=120Hz, ein=-20dBV, Io=100mA
Vcc=4.5V
→ 16V
Io=0mA
→ 1A
Io=5mA, Tj=0~125
°C
Io=0mA
Vcc=16V
ACTIVE MODE, Io=0mA
OFF MODE, Io=0mA
Vctl=3V, Io=0mA
ISD
Vc
Vo
∆Vd
Io
R.R.
Reg.I
Reg.L
Tcvo
Ib
Ios
Vth1
Vth2
Iin
-
1.225
-
-
1.0
44
-
-
-
-
-
2.0
-
40
0
1.250
2.50
0.3
-
55
15
35
±0.015
0.5
0.4
-
-
80
10
1.275
-
0.5
-
-
30
75
-
0.9
-
16
0.8
130
µA
V
V
V
A
dB
mV
mV
% /
°C
mA
A
V
V
µA
• This product is not designed for protection against radioactive rays.
* Designed Guarantee.(Outgoing inspection is not done all products.)
Measurement is done at Ta Tj, and variations in the parameter of all measurement(expect Temperature Coefficient of Output Voltage)caused by temperature change are not considered.
Vcc
GND
N.C.
C
R2
R1
OUT
2
3
CTL
1
Fin
Vref
TSD
OCP
4
5
BA00BC0WFP
Vcc
GND
C
R2
R1
OUT
2
CTL
1
3
Vref
TSD
OCP
4
5
BA00BC0WT
[BA00BC0WFP]
[BA00BC0WT]
*
*4
Shut down current
Vc pin voltage
Output voltage
Peak output current
Dropout voltage
Ripple rejection
Line regulation
Load regulation
Temperature coefficient of output voltage
Bias current
Short circuit output current
Stand-by ON level
Stand-by OFF level
Input high current


Similar Part No. - BA00BC0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00BC0WT ROHM-BA00BC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BA00BC0WT ROHM-BA00BC0WT Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00BC0WT-V5 ROHM-BA00BC0WT-V5 Datasheet
348Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch (Adjustable)
BA00BC0WT-V5 ROHM-BA00BC0WT-V5 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BA00BC0WT-V5 ROHM-BA00BC0WT-V5 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BA00BC0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
   100mA Variable Output LDO Regulator
logo
HuaXinAn Electronics CO...
AP1159ADS HUAXINAN-AP1159ADS Datasheet
540Kb / 19P
   Low voltage Output LDO Regulator
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com