Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA00CC0WFPWT-V5 Datasheet(PDF) 2 Page - Rohm

Part No. BA00CC0WFPWT-V5
Description  35V MAX Variable Output LDO Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WFPWT-V5 Datasheet(HTML) 2 Page - Rohm

  BA00CC0WFPWT-V5 Datasheet HTML 1Page - Rohm BA00CC0WFPWT-V5 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings (Ta=25˚C)
Supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
*2 Derating in done at 10.4mW/˚C for operating above Ta=25˚C
*3 Derating in done at 16mW/˚C for operating above Ta=25˚C
*4 Bias voltage in 200msec(tr≥1msec).
*1 Do not however exceed Pd.
VCC
Pd
Topr
Tstg
2000
1300
TO252-5
TO220FP-5(V5)
+125
+150
-40
-55
+35
-0.3
mW
˚C
˚C
Peak supply voltage
VCCPeak
50
V
Junction temperature
Tjmax
150
˚C
V
Vcc
-0.3 ~
~
~
~
Vc Pin voltage
VCTL
V
Application Circuit
Input voltage
Output current
VCC
Io
-
-
-
4.0
25.0
1.0
V
A
Output voltage
VOUT
3.0
-
15
V
Recommended Operating Conditions (Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
Electrical Characteristics (Unless otherwise specified, Ta=25˚C, Vcc=10V, Io=500mA, R1=2.2kΩ, R2=6.8kΩ)
*2
*3
*4
*1
*
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCTL=0V
VCTL=2V, Io=0mA
Io=50mA
Vcc=0.95Vo
f=120Hz, ein=1Vrms, Io=100mA
Vcc=6
→ 25V
Io=5mA
→ 1A
Io=5mA, Tj=0~125
°C
Vcc=25V
ACTIVE MODE, Io=0mA
OFF MODE, Io=0mA
VCTL=5V, Io=0mA
Isd
Ib
Vc
Vo
∆Vd
Io
R.R.
Reg.I
Reg.L
Tcvo
IOS
VthH
VthL
ICTL
-
-
1.200
-
-
1.0
45
-
-
-
-
2.0
-
100
0
2.5
1.225
5.00
0.3
-
55
20
50
±0.02
0.40
-
-
200
10
5.0
1.250
-
0.5
-
-
100
150
-
-
-
0.8
300
µA
mA
V
V
V
A
dB
mV
mV
% /
°C
A
V
V
µA
* Designed Guarantee.(Outgoing inspection is not done all products.)
Vcc
0.33
µF
22
µF
Vcc
GND
Vref
OUT
CTL
R1
R2
OVP
TSD
OCP
Driver
C
Vcc
1
2
3
4
+
5
BA00CC0WT(-V5)
Vcc
0.33
µF
22
µF
Vcc
N.C.
Vref
OUT
CTL
R1
R2
OVP
TSD
OCP
Driver
C
GND
Vcc
1
2
3
4
Fin
+
5
BA00CC0WFP
[BA00CC0WT(-V5)]
[BA00CC0WFP]
Shut down current
C pin voltage
Output voltage
Dropout voltage
Peak output current
Ripple rejection
Line regulation
Load regulation
Temperature coefficient of output voltage
Bias current
Short circuit output current
ON mode level
OFF mode level
Input high current


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn