Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3065T100 Datasheet(PDF) 4 Page - Rohm

Part # 2SK3065T100
Description  Small switching (60V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK3065T100 Datasheet(HTML) 4 Page - Rohm

  2SK3065T100 Datasheet HTML 1Page - Rohm 2SK3065T100 Datasheet HTML 2Page - Rohm 2SK3065T100 Datasheet HTML 3Page - Rohm 2SK3065T100 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SK3065
Transistors
100
µ
100m
0.001
10
PULSE WIDTH : PW(s)
1
10m
Ta=25
°C
θth (ch-c) (t) = r (t) θth (ch-c)
θth (ch-c) =62.5°C/W
D= PW
T
PW
T
10
1
100
1m
0.01
0.1
D=1
0.5
0.2
0.1
0.05
0.02
0.01
When mounted on a 40 x 40 x 0.7 mm
aluminum-ceramic board.
Single pulse
Fig.16
Normarized Transient Thermal Resistance vs. Pulse Width
!Switching characteristics measurement circuit
Fig.17 Switching Time Test Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
50%
10%
90%
10%
50%
Pulse width
10%
VGS
VDS
90%
tf
toff
td(off)
tr
ton
td(on)
Fig.18 Switching Time Waveforms


Similar Part No. - 2SK3065T100

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3065 KEXIN-2SK3065 Datasheet
45Kb / 1P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SK3065 VBSEMI-2SK3065 Datasheet
1,019Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - 2SK3065T100

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2094 ROHM-2SK2094 Datasheet
127Kb / 4P
   Small switching (60V, 2A)
2SK2463 ROHM-2SK2463 Datasheet
137Kb / 4P
   Small switching (60V, 2A)
RSR020N06HZG ROHM-RSR020N06HZG Datasheet
2Mb / 14P
   Nch 60V 2A Small Signal MOSFET
2SK2103 ROHM-2SK2103 Datasheet
127Kb / 4P
   Small switching (30V, 2A)
2SK3050 ROHM-2SK3050 Datasheet
98Kb / 5P
   Small switching (600V, 2A)
2SK2503 ROHM-2SK2503 Datasheet
135Kb / 4P
   Small switching (60V, 5A)
RK3055E ROHM-RK3055E Datasheet
135Kb / 4P
   Small switching (60V, 8A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
   Power transistor (-60V, -2A)
2SC5880 ROHM-2SC5880 Datasheet
79Kb / 4P
   Power transistor (60V, 2A)
2SC5880 ROHM-2SC5880_1 Datasheet
97Kb / 4P
   Power transistor (60V, 2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com