Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3065 Datasheet(PDF) 3 Page - Rohm

Part # 2SK3065
Description  Small switching (60V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK3065 Datasheet(HTML) 3 Page - Rohm

  2SK3065 Datasheet HTML 1Page - Rohm 2SK3065 Datasheet HTML 2Page - Rohm 2SK3065 Datasheet HTML 3Page - Rohm 2SK3065 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3065
Transistors
0.01
10
0.1
10
DRAIN CURRENT : ID
(A)
0.1
1
1
Ta=125
°C
75
°C
25
°C
−25°C
VGS
=2.5V
Pulsed
Fig.7
Static Drain-Source On-
State Resistance vs.
Drain Current(
ΙΙ)
020
0
GATE-SOURCE VOLTAGE : VGS
(V)
5
Ta=25
°C
Pulsed
2A
ID=1A
10
15
0.25
0.5
0.75
1
Fig.8
Static Drain-Source On-
State Resistance vs.
Gate-Source Voltage
−50
150
100
0
1
CHANNEL TEMPERATURE : Tch(
°C)
50
25
0
0.5
−25
75
125
2A
ID=1A
VGS
=4V
Pulsed
Fig.9
Static Drain-Source On-
State Resistance vs.
Channel Temperature
0.01
10
0.1
10
DRAIN CURRENT : ID
(A)
0.1
1
1
VDS
=10V
Pulsed
Ta=
−25°C
25
°C
75
°C
125
°C
Fig.10
Forward Trasfer Admitance vs.
Drain Current
0
1.6
0.01
10
SOURCE-DRAIN VOLTAGE : VSD
(V)
0.4
1
1.2
VGS
=4V
Pulsed
0.8
Ta=125
°C
75
°C
25
°C
−25°C
0.1
Fig.11
Reverse Drain Current vs.
Source-Drain Voltage(
Ι)
0
1.6
0.01
10
SOURCE-DRAIN VOLTAGE : VSD
(V)
0.4
1
1.2
Ta=25
°C
Pulsed
0.8
0.1
VGS=0V
4V
Fig.12
Reverse Drain Current vs.
Source-Drain Voltage(
ΙΙ)
0
100
1
1000
DRAIN-SOURCE VOLTAGE : VSD
(V)
100
10
10
VGS=0V
f=1MHZ
Ta=25
°C
Coss
Crss
Ciss
Fig.13
Typical Capacitance vs.
Drain-Source Voltage
0.1
10
10
1000
DRAIN CURRENT : ID
(A)
100
1
VDD
30
V
VGS=4V
RG=10
Ta=25
°C
Pulsed
t
f
t
d(on)
t
r
t
d(off)
Fig.14
Switching Characteristics
(a measurement circuit diagram Fig.17 , it refers 18 times)
0.1
10
10
1000
REVERSE DRAIN CURRENT : IDR
(A)
100
1
di/dt=50A/
µs
VGS=0V
Ta=25
°C
Pulsed
Fig.15
Reverse Recovery Time vs.
Reverse Drain Current


Similar Part No. - 2SK3065

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3065 KEXIN-2SK3065 Datasheet
45Kb / 1P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SK3065 VBSEMI-2SK3065 Datasheet
1,019Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - 2SK3065

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2094 ROHM-2SK2094 Datasheet
127Kb / 4P
   Small switching (60V, 2A)
2SK2463 ROHM-2SK2463 Datasheet
137Kb / 4P
   Small switching (60V, 2A)
RSR020N06HZG ROHM-RSR020N06HZG Datasheet
2Mb / 14P
   Nch 60V 2A Small Signal MOSFET
2SK2103 ROHM-2SK2103 Datasheet
127Kb / 4P
   Small switching (30V, 2A)
2SK3050 ROHM-2SK3050 Datasheet
98Kb / 5P
   Small switching (600V, 2A)
2SK2503 ROHM-2SK2503 Datasheet
135Kb / 4P
   Small switching (60V, 5A)
RK3055E ROHM-RK3055E Datasheet
135Kb / 4P
   Small switching (60V, 8A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
   Power transistor (-60V, -2A)
2SC5880 ROHM-2SC5880 Datasheet
79Kb / 4P
   Power transistor (60V, 2A)
2SC5880 ROHM-2SC5880_1 Datasheet
97Kb / 4P
   Power transistor (60V, 2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com