Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3018 Datasheet(PDF) 4 Page - Rohm

Part # 2SK3018
Description  Small switching (30V, 0.1A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK3018 Datasheet(HTML) 4 Page - Rohm

  2SK3018 Datasheet HTML 1Page - Rohm 2SK3018 Datasheet HTML 2Page - Rohm 2SK3018 Datasheet HTML 3Page - Rohm 2SK3018 Datasheet HTML 4Page - Rohm 2SK3018 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SK3018
Transistor
Rev.A
4/4
Switching characteristics measurement circuit
Fig.13 Switching time measurement circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
50%
10%
90%
10%
50%
Pulse width
10%
VGS
VDS
90%
tf
toff
td(off)
tr
ton
td(on)
Fig.14 Switching time waveforms


Similar Part No. - 2SK3018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
logo
Shenzhen Tuofeng Semico...
2SK3018 TUOFENG-2SK3018 Datasheet
2Mb / 4P
   N-Channel 30-V(D-S) MOSFET
Mar,2018 V1.0
logo
Guangdong Kexin Industr...
2SK3018 KEXIN-2SK3018 Datasheet
81Kb / 2P
   N-Channel MOSFET
logo
Shenzhen Luguang Electr...
2SK3018 LUGUANG-2SK3018 Datasheet
1Mb / 5P
   SOT-323 Plastic-Encapsulate N-channel MOSFETS
Revision:20220701-P1
logo
Guilin Strong Micro-Ele...
2SK3018 GSME-2SK3018 Datasheet
315Kb / 3P
   N-Channel Enhancement-Mode MOS FETs
More results

Similar Description - 2SK3018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
87Kb / 5P
   Small switching (30V, 0.1A)
UM5K1N ROHM-UM5K1N Datasheet
86Kb / 5P
   Small switching (30V, 0.1A)
2SK3541 ROHM-2SK3541 Datasheet
86Kb / 5P
   Small switching (30V, 0.1A)
UM6K1N ROHM-UM6K1N Datasheet
108Kb / 4P
   Small switching (30V, 0.1A)
EM6K1 ROHM-EM6K1 Datasheet
85Kb / 4P
   Small switching (30V, 0.1A)
logo
SUNMATE electronic Co.,...
1S1553 SUNMATE-1S1553 Datasheet
133Kb / 1P
   0.1A Axial Leaded Small Signal Switching Diode
logo
Rohm
QS5U12 ROHM-QS5U12 Datasheet
91Kb / 5P
   Small switching (30V, 2.0A)
QS5U13 ROHM-QS5U13 Datasheet
66Kb / 5P
   Small switching (30V, 2.0A)
QS5U16 ROHM-QS5U16 Datasheet
91Kb / 5P
   Small switching (30V, 2.0A)
QS5U17 ROHM-QS5U17 Datasheet
91Kb / 5P
   Small switching (30V, 2.0A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com