Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2503 Datasheet(PDF) 1 Page - Rohm

Part # 2SK2503
Description  Small switching (60V, 5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK2503 Datasheet(HTML) 1 Page - Rohm

  2SK2503 Datasheet HTML 1Page - Rohm 2SK2503 Datasheet HTML 2Page - Rohm 2SK2503 Datasheet HTML 3Page - Rohm 2SK2503 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FExternal dimensions (Units: mm)
122
Transistors
Small switching (60V, 5A)
2SK2503
FFeatures
1) Low on-resistance.
2) Fast switching speed.
3) Wide SOA (safe operating area).
4) Low-voltage drive (4V).
5) Easily designed drive circuits.
6) Easy to use in parallel.
FStructure
Silicon N-channel
MOSFET
FAbsolute maximum ratings (Ta = 25_C)
FPackaging specifications


Similar Part No. - 2SK2503

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2503 ROHM-2SK2503 Datasheet
97Kb / 6P
   4V Drive Nch MOS FET
logo
Guangdong Kexin Industr...
2SK2503 KEXIN-2SK2503 Datasheet
43Kb / 1P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SK2503 VBSEMI-2SK2503 Datasheet
1,002Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2503 ISC-2SK2503 Datasheet
378Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Rohm
2SK2503 ROHM-2SK2503_1 Datasheet
97Kb / 6P
   4V Drive Nch MOS FET
More results

Similar Description - 2SK2503

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211650 RENESAS-RAA211650 Datasheet
3Mb / 35P
   60V 5A Integrated Switching Regulator
May 6, 2021
logo
Rohm
2SK2504 ROHM-2SK2504 Datasheet
134Kb / 4P
   Small switching (100V, 5A)
RQ7L050AT ROHM-RQ7L050AT Datasheet
2Mb / 14P
   Pch -60V -5A Small Signal Power MOSFET
2SK3065 ROHM-2SK3065 Datasheet
85Kb / 4P
   Small switching (60V, 2A)
RK3055E ROHM-RK3055E Datasheet
135Kb / 4P
   Small switching (60V, 8A)
2SK2094 ROHM-2SK2094 Datasheet
127Kb / 4P
   Small switching (60V, 2A)
2SK2463 ROHM-2SK2463 Datasheet
137Kb / 4P
   Small switching (60V, 2A)
logo
Sanyo Semicon Device
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
   60V / 5A High-Speed Switching Applications
2SA1289 SANYO-2SA1289 Datasheet
103Kb / 3P
   60V/5A High-Speed Switching Applications
logo
Rohm
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
   High speed switching transistor (60V, 5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com