Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42002-03C1A1 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 42002-03C1A1
Description  6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 3 Circuits, Polyester 94V-0, Tin (Sn) Plating, White
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

42002-03C1A1 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  42002-03C1A1 Datasheet HTML 1Page - Molex Electronics Ltd. 42002-03C1A1 Datasheet HTML 2Page - Molex Electronics Ltd. 42002-03C1A1 Datasheet HTML 3Page - Molex Electronics Ltd. 42002-03C1A1 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 42002-03C1A1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42002-03C1A1 MOLEX11-42002-03C1A1 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector Header, Vertical, 3 Circuits, Polyester 94V-0,
More results

Similar Description - 42002-03C1A1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010845090 MOLEX1-0010845090 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 9 Circuits, Polyester 94V-0, Tin (Sn) Plating, White
0010845040 MOLEX1-0010845040 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 4 Circuits, Polyester 94V-0, Tin (Sn) Plating, White
0010845150 MOLEX1-0010845150 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 15 Circuits, Polyester 94V-0, Tin (Sn) Plating, White
0010845020 MOLEX1-0010845020 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 2 Circuits, Polyester 94V-0, Tin (Sn) Plating, White
0010845060 MOLEX1-0010845060 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 6 Circuits, Polyester 94V-0, Tin (Sn) Plating, White
0010845120 MOLEX1-0010845120 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 12 Circuits, Polyester 94V-0, Tin (Sn) Plating, White
0432550091 MOLEX5-0432550091 Datasheet
285Kb / 4P
   6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 9 Circuits, Polyester 94V-0, Tin (Sn) Plating, White
10-84-5030 MOLEX11-10-84-5030 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector Header, Vertical, 3 Circuits, Polyester 94V-0,
0010845030 MOLEX1-0010845030_18 Datasheet
41Kb / 2P
   6.35mm Pitch MLX Power Connector Header, Vertical, 3 Circuits, Polyester 94V-0
10-84-5040 MOLEX11-10-84-5040 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector Header, Vertical, 4 Circuits, Polyester 94V-0,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com