Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD1949 Datasheet(PDF) 1 Page - Rohm

Part No. 2SD1949
Description  Medium Power Transistor (50V, 0.5A)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

2SD1949 Datasheet(HTML) 1 Page - Rohm

  2SD1949 Datasheet HTML 1Page - Rohm 2SD1949 Datasheet HTML 2Page - Rohm 2SD1949 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Medium Power Transistor (50V,0.5A)
2SD1949 / 2SD1484K
Symbol
V
CBO
V
CEO
V
EBO
I
C
PC
Tj
Tstg
Limits
50
50
5
0.5
0.2
150
−55 to +150
Unit
V
V
V
A
W
Symbol
Min.
Typ.
Max.
Unit
Conditions
BV
CBO
BV
CEO
BV
EBO
I
CBO
I
EBO
h
FE
f
T
Cob
50
50
5
120
250
6.5
0.5
0.5
390
V
V
V
MHz
pF
IC
=1mA
VCB
=30V
VEB
=4V
VCE/IC
=3V/0.01A
VCE
=5V , I
E
= −20mA , f=100MHz
VCB
=10V , I
E
=0A , f=1MHz
2SD1484K
SMT3
QR
T146
3000
Transistors
2SD1949 / 2SD1484K
C
C
µA
IC
=100µA
IE
=100µA
µA
1/2
Parameter
Transition frequency
Output capacitance
V
CE(sat)
−−
0.4
VIC/IB
=150mA/15mA
Electrical characteristics (Ta=25 C)
Parameter
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector outoff current
Collector power dissipation
Junction temperature
Storage temperature
Absolute maximum rationgs (Ta=25 C)
Packaging specifications and hFE
Type
Package
hFE
Code
Basic ordering unit (pleces)
2SD1949
UMT3
QR
T106
3000
Marking
Danotes hFE
Y
Y
Features
1) High current.(IC=5A)
2) Low saturation voltage, typically VCE(sat)=0.1V at IC / IB=150mA / 15mA.
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Emitter cutoff current
DC current rransfer ratio
Collector-emitter saturation voltage
Rev.B


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn