Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1797 Datasheet(PDF) 2 Page - Rohm

Part # 2SA1797
Description  Power Transistor (-50V, -3A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1797 Datasheet(HTML) 2 Page - Rohm

  2SA1797 Datasheet HTML 1Page - Rohm 2SA1797 Datasheet HTML 2Page - Rohm 2SA1797 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA1797
Transistors
Rev.A
2/2
Electrical characteristic curves
010
Fig.2 Grounded emitter propagation
characteristics
−0.2 −0.4 −0.6 −0.8 −1.0 −1.2 −1.4
0
BASE TO EMITTER VOLTAGE : VBE
(V)
−10
−5
−2
−1
−0.5
−0.2
−0.1
−0.05
−0.02
−0.01
−5m
−2m
−1m
VCE
=2V
-1m
-5m -0.02
-0.1
-0.5
-2 -5 -10
-2m -0.01
-0.05 -0.2
-1
5
10
20
50
100
200
500
1000
2000
5000
COLLECTOR CURRENT : IC (A)
Fig.3 DC current gain vs.
collector current
VCE
=2V
Ta
=100°C
Ta
=−40°C
Ta
=25°C
67
8
9
45
23
1
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Grounded emitter output
characteristics
2.0
0
1
1.2
1.4
1.6
1.8
200m
400m
600m
800m
Ta
=25°C
lB=10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
-1m
-5m -0.02
-0.1
-0.5
-2 -5 -10
-2m -0.01
-0.05 -0.2
-1
-0.01
-0.02
-0.05
-0.1
-0.2
-0.5
-1
COLLECTOR CURRENT : IC (A)
Fig.4 Collector-emitter saturation
voltage vs. collector current
lC/lB
=20
Ta
=100°C
Ta
=−40°C
Ta
=25°C
0.2
1
0.5
2
5 10 20
50 100 200 500 1000
1m
2m
5m
10m
20m
50m
100m
200m
500m
1
2
5
10
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.5 Safe operating area
P
W
=100ms
Ta
=25°C
Single
nonrepetitive
pulse


Similar Part No. - 2SA1797

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1797 UTC-2SA1797 Datasheet
43Kb / 2P
   POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1797 BILIN-2SA1797 Datasheet
279Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
97Kb / 3P
   Power Transistor (−50V, −3A)
logo
Foshan Blue Rocket Elec...
2SA1797 FOSHAN-2SA1797 Datasheet
768Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
   Power Transistor (-50V, -3A)
More results

Similar Description - 2SA1797

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
   Power Transistor (-50V, -3A)
2SD1760TLR ROHM-2SD1760TLR Datasheet
81Kb / 3P
   Power Transistor (50V, 3A)
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
   Power Transistor -50V, -3A
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
   Power Transistor (50V, 3A)
2SD1864 ROHM-2SD1864 Datasheet
147Kb / 4P
   Power Transistor (50V, 3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
   Power Transistor (-50V, -3A)
logo
Rohm
2SD1760 ROHM-2SD1760 Datasheet
77Kb / 3P
   Power Transistor 50V, 3A
2SD1760 ROHM-2SD1760_09 Datasheet
176Kb / 4P
   Power Transistor (50V, 3A)
logo
Nanjing International G...
2SB1308 DGNJDZ-2SB1308 Datasheet
437Kb / 3P
   Power Transistor(-50V,-3A)
logo
Rohm
2SD1963 ROHM-2SD1963 Datasheet
60Kb / 3P
   Power transistor (50V, 3A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com